Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 1 Page - ams AG

Part # AS5601
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 1 Page - ams AG

  AS5601 Datasheet HTML 1Page - ams AG AS5601 Datasheet HTML 2Page - ams AG AS5601 Datasheet HTML 3Page - ams AG AS5601 Datasheet HTML 4Page - ams AG AS5601 Datasheet HTML 5Page - ams AG AS5601 Datasheet HTML 6Page - ams AG AS5601 Datasheet HTML 7Page - ams AG AS5601 Datasheet HTML 8Page - ams AG AS5601 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
ams Datasheet
Page 1
[v1-02] 2014-Oct-29
Document Feedback
AS5601
12-bit Programmable Contactless
Encoder
The AS5601 is an easy-to-program magnetic rotary position
sensor with incremental quadrature (A/B) and 12-bit digital
outputs. Additionally, the PUSH output indicates fast airgap
changes between the AS5601 and magnet which can be used
to implement a contactless pushbutton function in which the
knob can be pressed to move the magnet toward the AS5601.
This AS5601 is designed for contactless encoder applications,
and its robust design rejects the influence of any homogenous
external stray magnetic fields.
Based on planar Hall sensor technology, this device measures
the orthogonal component of the flux density (Bz) from an
external magnet.
The industry-standard I²C interface supports user
programming of non-volatile parameters in the AS5601 without
requiring a dedicated programmer.
The AS5601 also provides a smart low-power mode which
automatically reduces power consumption
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS5601, 12-bit Programmable
Contactless Encoder are listed below:
Figure 1:
Added Value of using AS5601
Benefits
Features
Highest reliability and durability
Contactless angle measurement insensitive to dust and dirt
Simple programming
Simple user-programmable zero position and device
configuration
Flexible choice of the number of A/B pulses
per revolution
Quadrature output configurable from 8 up to 2048 positions
Contactless pushbutton functionality
Pushbutton output by detecting sudden airgap changes
Low power consumption
Automatic entry into low-power mode
Easy setup
Automatic magnet detection
Small form factor
SOIC-8 package
Robust environmental tolerance
Wide temperature range: -40°C to +125°C
General Description


Similar Part No. - AS5601

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5601 AMSCO-AS5601 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
More results

Similar Description - AS5601

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5145 AMSCO-AS5145 Datasheet
1Mb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
IC-Haus GmbH
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
12 BIT HALL ENCODER
logo
ams AG
AS5045_V1 AMSCO-AS5045_V1 Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5600 AMSCO-AS5600 Datasheet
708Kb / 42P
12-bit Programmable Contactless Potentiometer
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
logo
OSRAM GmbH
AS5600 OSRAM-AS5600 Datasheet
1Mb / 44P
12-Bit Programmable Contactless Potentiometer
2018-Jun-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com