Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 8 Page - ams AG

Part # AS5601
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 8 Page - ams AG

Back Button AS5601 Datasheet HTML 4Page - ams AG AS5601 Datasheet HTML 5Page - ams AG AS5601 Datasheet HTML 6Page - ams AG AS5601 Datasheet HTML 7Page - ams AG AS5601 Datasheet HTML 8Page - ams AG AS5601 Datasheet HTML 9Page - ams AG AS5601 Datasheet HTML 10Page - ams AG AS5601 Datasheet HTML 11Page - ams AG AS5601 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-02] 2014-Oct-29
AS5601 − Detailed Description
The AS5601 is a Hall-based rotary magnetic position encoder
that converts the magnetic field component perpendicular to
the surface of the chip into voltages which are used to produce
incremental A/B outputs and absolute position indication in
registers that can be read over an industry-standard I²C bus.
The analog signals from the Hall sensors are first amplified and
filtered before being converted by the analog-to-digital
converter (ADC) into binary data. The output of the ADC is
processed by the hardwired CORDIC block (Coordinate Rotation
Digital Computer) to compute the angle and magnitude of the
magnetic field vector. The intensity of the magnetic field is used
by the automatic gain control (AGC) to adjust the amplification
level to compensate for temperature and magnetic field
variations.
The angle value provided by the CORDIC algorithm is used by
the internal logic to generate the incremental quadrature
signals A and B. The magnitude and AGC value is dynamically
monitored and generates the PUSH output for fast changes of
the airgap between the magnet and the AS5601. Very slow
changes are suppressed to provide a robust and reliable
pushbutton output that tolerates temperature variation and
magnet degradation.
The AS5601 is programmed through an industry-standard I²C
interface to write an on-chip one-time programmable (OTP)
memory. This interface can be used to program a zero angle
and to configure the chip.
Power Management
The AS5601 is powered from a 5.0V supply using the on-chip
LDO regulator, or it can be powered directly from a 3.3V supply.
The internal LDO is not intended to power other external ICs
and needs a 1μF capacitor to ground, as shown in Figure 11.
In 3.3V operation, the VDD5V and VDD3V3 pins must be tied
together.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com