Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 32 Page - ams AG

Part # AS5601
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 32 Page - ams AG

Back Button AS5601 Datasheet HTML 28Page - ams AG AS5601 Datasheet HTML 29Page - ams AG AS5601 Datasheet HTML 30Page - ams AG AS5601 Datasheet HTML 31Page - ams AG AS5601 Datasheet HTML 32Page - ams AG AS5601 Datasheet HTML 33Page - ams AG AS5601 Datasheet HTML 34Page - ams AG AS5601 Datasheet HTML 35Page - ams AG AS5601 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-02] 2014-Oct-29
AS560 1 − Application Information
Schematic
All required external components are shown below for the
reference application diagram. To improve EMC and for remote
applications, consider additional protection circuitry.
Figure 33:
Application Diagram for Angle Readout and Programming
Figure 34:
Recommended External Components
Component
Symbol
Value
Units
Notes
VDD5V buffer capacitor
C1
100
nF
20%
LDO regulator capacitor
C2
1
μF
20%; < 100 mΩ; Low
ESR ceramic capacitor
Optional pull-up for I²C bus
RPU
4.7
k
Ω
refer to UM10204 for
pull-up sizing
To be fulfilled over temperature and lifetime
Application Information
A
To MCU
4.5-5.5V
GND
AS5601
1 VDD5V
2 VDD3V3
3 PUSH
4 GND
A 8
SCL 7
SDA 6
B 5
PUSH
RPU
RPU
C1
C2
5V Operation
3-3.6V*
3.3V Operation
A
To MCU
GND
AS5601
1 VDD5V
2 VDD3V3
3 PUSH
4 GND
A 8
SCL 7
SDA 6
B 5
PUSH
RPU
RPU
C1
C**
* Supply voltage for permanent programming is 3.3–3.5V
** 10µF Capacitor required during permanent programming
B
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com