Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 25 Page - ams AG

Part # AS5601
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 25 Page - ams AG

Back Button AS5601 Datasheet HTML 21Page - ams AG AS5601 Datasheet HTML 22Page - ams AG AS5601 Datasheet HTML 23Page - ams AG AS5601 Datasheet HTML 24Page - ams AG AS5601 Datasheet HTML 25Page - ams AG AS5601 Datasheet HTML 26Page - ams AG AS5601 Datasheet HTML 27Page - ams AG AS5601 Datasheet HTML 28Page - ams AG AS5601 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
ams Datasheet
Page 25
[v1-02] 2014-Oct-29
Document Feedback
AS5601 − Register Description
Quadrature Encoder Output
With the setting ABN(3:0) it is possible to configure the number
of positions of the quadrature output. An example for a
configuration with 8 positions is shown below.
Figure 24:
Example Quadrature Output for 8 Positions
A
B
Position
01
2
34
56
7
8
N
N-1
N-2
N-3
Period
1
2
N/4
N/4-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com