Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 4 Page - ams AG

Part # AS5601
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 4 Page - ams AG

  AS5601 Datasheet HTML 1Page - ams AG AS5601 Datasheet HTML 2Page - ams AG AS5601 Datasheet HTML 3Page - ams AG AS5601 Datasheet HTML 4Page - ams AG AS5601 Datasheet HTML 5Page - ams AG AS5601 Datasheet HTML 6Page - ams AG AS5601 Datasheet HTML 7Page - ams AG AS5601 Datasheet HTML 8Page - ams AG AS5601 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-02] 2014-Oct-29
AS 56 01 − Absolute Maximum R atings
Stresses beyond those listed under “Absolute Maximum
Ratings“ may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD5V
DC supply voltage at
VDD5V pin
-0.3
6.1
V
5.0V operation mode
VDD3V3
DC supply voltage at
VDD3V3 pin
-0.3
4.0
V
3.3V operation mode
VAIO
Voltage at all digital or
analog pins
-0.3
VDD + 0.3
V
ISCR
Input current (latch-up
immunity)
-100
100
mA
Norm: JESD78
Continuous Power Dissipation (TA = +70°C)
PT
Continuous power
dissipation
50
mW
Electrostatic Discharge
ESDHBM
Electrostatic discharge
HBM (human body model)
±1
kV
Norm: MIL 883 E method 3015.7
Temperature Ranges and Storage Conditions
TSTRG
Storage temperature range
-55
+125
°C
TBODY
Package body temperature
+260
°C
Norm: ICP/JEDEC J-STD-020
The reflow peak soldering
temperature (body
temperature) is specified
according to IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-hermetic Solid State
Surface Mount Devices.” The
lead finish for Pb-free leaded
packages is “Matte Tin” (100%
Sn)
RHNC
Relative humidity
(non-condensing)
585
%
MSL
Moisture sensitive level
3
Norm: ICP/JEDEC J-STD-033
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com