Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5601 Datasheet(PDF) 24 Page - ams AG

Part # AS5601
Description  12-bit Programmable Contactless Encoder
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5601 Datasheet(HTML) 24 Page - ams AG

Back Button AS5601 Datasheet HTML 20Page - ams AG AS5601 Datasheet HTML 21Page - ams AG AS5601 Datasheet HTML 22Page - ams AG AS5601 Datasheet HTML 23Page - ams AG AS5601 Datasheet HTML 24Page - ams AG AS5601 Datasheet HTML 25Page - ams AG AS5601 Datasheet HTML 26Page - ams AG AS5601 Datasheet HTML 27Page - ams AG AS5601 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-02] 2014-Oct-29
AS5601 − Register Description
The configuration procedure for a rotary encoder is shown
below in Figure 23.
Figure 23:
Zero Position and Resolution Programming Procedure
Note(s) and/or Footnote(s):
1. After each register command, the new setting is effective at the output at least 1 ms later.
2. It is highly recommended to perform a functional test after this procedure.
3. At least 1 ms after each register command the new setting is effective at the output.
4. The BURN_ANGLE command can be executed up to 3 times and only if the presence of the magnet is detected (MD = 1).
Use the correct hardware configuration as shown in Figure 33
Step 1
Power up the AS5601.
Step 2
Configure the desired number of positions using ABN(3:0).
Step 3
The mechanical configuration snapped into the grid.
Read out the actual RAW ANGLE.
Calculate the compensation value to adjust the mechanical grid and the encoder angle.
Refer to Figure 22 and Figure 24. Write the compensation value into ZPOS.
Wait at least 1ms.
Step 4
Write the required setting into the configuration register CONF and PUSHTHR.
Wait at least 1 ms.
Proceed with Step 5 to permanently program the configuration.
Step 5
Perform a BURN_ANGLE command to permanently program the zero position.
Wait at least 1 ms.
Step 6
Perform a Burn_Setting command to permanently program the configuration.
Wait at least 1 ms.
Step 7
Verify the BURN commands:
Write the commands 0x01, 0x11 and 0x10 sequentially into the register 0xFF to load the
actual OTP content.
Read and verify the permanently programmed registers to verify that the
BURN_SETTINGS and BURN_ANGLE command was successful.
Step 8
Read and verify the permanently programmed registers again after a new power-up cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com