Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202B Datasheet(PDF) 7 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 7 Page - ams AG

Back Button AS8202B Datasheet HTML 3Page - ams AG AS8202B Datasheet HTML 4Page - ams AG AS8202B Datasheet HTML 5Page - ams AG AS8202B Datasheet HTML 6Page - ams AG AS8202B Datasheet HTML 7Page - ams AG AS8202B Datasheet HTML 8Page - ams AG AS8202B Datasheet HTML 9Page - ams AG AS8202B Datasheet HTML 10Page - ams AG AS8202B Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ams.com
Revision 1.0
7 - 20
AS8202B
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
TAMB = -40 to +125 ºC, VDD = 3V to +3.6V, VSS = 0V unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Operating Conditions
IDDs
Static Supply Current
All inputs tied to VDD/VSS,
clocks stopped, exclusive of I/O
drive requirements, VDD=3.6V
5900
µA
IDD
Operating Supply Current
(see note 1)
VDD=3.3V,
exclusive of I/O drive requirements
100
mA
CLK1
Clock Period of Bus Guardian Clock
(see note 1)
62.5
ns
TTL Input Pins and TTL Bidirectional Pins in Input/Tristate Model
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
IINleak
Input Leakage Current
Pins without pad resistors,
VDD=3.6V
-1
1
µA
IIL
Input Low Current
Pins with pull-down
resistors, VDD=3.0V
VIN=0.4V
4.9
(see note 2)
µA
VIN=0.8V
8.8
(see note 2)
Pins with pull-up
resistors
VDD=3.6V
VIN=0V
-15
-75
IIH
Input High Current
Pins with pull-down
resistors
VDD=3.6V
VIN=3.6V
15
75
µA
Pins with pull-up
resistors, VDD=3.0V
VIN=2.0V
-10.7
(see note 2)
VIN=2.5V
-6
(see note 2)
CIN
Input Capacitance
4.5
(see note
2)
pF
RxD Pin
tASYM_Rx
t(VIN=0.5*VDD)
Asymmetric Receiver Delay RxD
T=125ºC, VDD=3.0V,
CLOAD=35pF
RxD[1,0]
-2
(see note 3)
2
(see note 3)
ns
CMOS Inputs (XIN), drive from external clock generator
Drive at XIN
CXIN
Input Capacitance
1.9
2.5
pF
IXIN
Input Current
±1
(see note 3)
µA
VIL_XIN
Input Low Voltage
0
0.3* VDD
V
VIH_XIN
Input High Voltage
0.7* VDD
VDD
V
Outputs and TTL Bi-directional Pins in Output Mode
IOL
Output Low Current
VDD=3.0V, Vo = 0.4V
-4
mA
IOH
Output High Current
VDD=3.0V, Vo = 2.5V
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com