Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202B Datasheet(PDF) 9 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 9 Page - ams AG

Back Button AS8202B Datasheet HTML 5Page - ams AG AS8202B Datasheet HTML 6Page - ams AG AS8202B Datasheet HTML 7Page - ams AG AS8202B Datasheet HTML 8Page - ams AG AS8202B Datasheet HTML 9Page - ams AG AS8202B Datasheet HTML 10Page - ams AG AS8202B Datasheet HTML 11Page - ams AG AS8202B Datasheet HTML 12Page - ams AG AS8202B Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ams.com
Revision 1.0
9 - 20
AS8202B
Datasheet - Detailed Descr i p ti on
7 Detailed Description
The AS8202B is the first TTP controller to support both MFM and Manchester coding. Manchester coding is important for DC-free data
transmission, which allows the use of transformers in the data stream. The AS8202B is pin-compatible with its predecessor, the AS8202. The
AS8202B provides support for fault-tolerant, high-speed bus systems in a single device. The communication controller is qualified for the full
temperature range required for automotive applications and is certifiable according to RTCA standards. It offers superior reliability and supports
data transfer rates of 25 Mbit/s with MII and up to 4 Mbit/s with MFM/Manchester.
The CNI (communication network interface) forms a temporal firewall. It de-couples the controller network from the host subsystem by use of a
dual ported RAM (CNI). This prevents the propagation of control errors. The interface to the host CPU is implemented as a 16-bit wide non-
multiplexed asynchronous bus interface.
The TTP follows a conflict-free media access strategy called time division multiple access (TDMA). This means, TTP deploys a time slot
technique based on a global time that is permanently synchronized. Each node is assigned a time slot in which it is allowed to perform transmit
operation. The sequence of time slots is called TDMA round, a set of TDMA rounds forms a cluster cycle. The operation of the network is
repeated after one cluster cycle. The sequence of interactions forming the cluster cycle is defined in a static time schedule, called message
descriptor list (MEDL). The definition of the MEDL in conjunction with the global time determines the response time for a service request.
The membership of all nodes in the network is evaluated by the communications controller. This information is presented to all correct cluster
members in a consistent fashion. During operation, the status of all other nodes is propagated within one TDMA round. Please read more about
TTP and request the TTP specification at www.tttech.com.
7.1 Host CPU Interface
The host CPU interface, also referred to as CNI (Communication Network Interface), connects the application circuitry to the AS8202B TTP
controller. All related signal pins provide an asynchronous read/write access to a dual ported RAM located in the AS8202B. There are no setup/
hold constraints referring to the microtick (main clock “CLK0”).
All accesses have to be executed on a granularity of 16-bit (2 byte), the device does not support byte-wide accesses. The pin A0 (LSB) of the
device differentiates even and odd 16-bit word addresses and is typically connected to A1 of a little-endian host CPU. The A0 of host CPU is not
connected to the device, and the application/driver on the host CPU should force all accesses to be 16-bit. For efficiency reasons, the host CPU
application/driver may access some memory locations of the AS8202B using wider accesses (e.g. 32-bit), and the bus interface of the host CPU
will automatically split the access into two consecutive 16-bit wide accesses to the TTP controller. Note that particularly in such a setup all timing
parameters of the host CPU interface must be met, especially the inactivity timeouts described as symbols 16–19.
The host interface features an interrupt or time signal INTB to notify the application circuitry of programmed and protocol-specific, synchronous
and asynchronous events.
The host CPU interface allows access to the internal instruction code memory. This is required for proper loading of the protocol execution code
into the internal instruction code RAM, for extensive testing of the instruction code RAM and for verifying the instruction code ROM contents.
INTB is an open-drain output, i.e. the output is only driven to '0' and is weak-pull-up at any other time, so external pull-up resistors or transistors
may be necessary depending on the application.
READYB is also an open-drain output, but with a possibility to be driven to ‘1’ for a defined time (selectable by register) before weak-pull-up at
any other time.
The LED port is software-configurable to automatically show some protocol-related states and events, see below for the LED port configuration.
Table 4. Host Interface Ports
Pin Name
Mode
Width
Comment
A[11:0]
in
12
CNI address bus, 12-bit (A0 is LSB)
D[15:0]
inout (tri)
16
CNI data bus, 16-bit (D0 is LSB)
CEB
in
1
CNI chip enable, active low
WEB
in
1
CNI write enable, active low
OEB
In
1
CNI output enable, active low
READYB
out (open drain)
1
CNI ready, active low
INTB
out (open drain)
1
CNI interrupt, time signal, active low
RAM_CLK_TESTSE
in
1
HOST clock
USE_RAM_CLK
in
1
HOST clock pin enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com