Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202B Datasheet(PDF) 14 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 14 Page - ams AG

Back Button AS8202B Datasheet HTML 10Page - ams AG AS8202B Datasheet HTML 11Page - ams AG AS8202B Datasheet HTML 12Page - ams AG AS8202B Datasheet HTML 13Page - ams AG AS8202B Datasheet HTML 14Page - ams AG AS8202B Datasheet HTML 15Page - ams AG AS8202B Datasheet HTML 16Page - ams AG AS8202B Datasheet HTML 17Page - ams AG AS8202B Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.ams.com
Revision 1.0
14 - 20
AS8202B
Datasheet - Detailed Descr i p ti on
Figure 10. Bus Guardian Clock Setup
The bus guardian clock (XIN1/XOUT1) supports driving a quartz crystal oscillation, as well as a clock input by an external oscillator.
7.2.4 Built-in Characteristics
7.3 TTP Bus Interface
The AS8202B contains two TTP bus units, one for each TTP channel, building the TTP bus interface. Each TTP bus channel contains a
transmitter and a receiver and can be configured to be either in the asynchronous or synchronous mode of operation. Note that the two channels
(channel 0 and channel 1) can be configured independently for either of these modes.
The drivers of the TxD and CTS pins are actively driven only during a transmission window, all the other time the drivers are switched off and the
weak pull resistors are active. External pull resistors must be used to define the signal levels during idle phases.
Note: The transmission window may be different for each channel.
Table 8. Characteristics
Symbol
Pin
Parameter
Min
Typ
Max
Unit
Note
Tosc_startup1
XIN1/XOUT1
Oscillator startup time
(Bus Guardian clock)
20
ms
Frequency: 16MHz
Table 9. Bus Interface Connections
Pin Name
Tx inactive
TxD[0]
weak pull-up
CTS[0]
weak pull-down
TxD[1]
weak pull-up
CTS[1]
weak pull-down
16 M H z
Rd
Rf
Ce x t
Ce x t
16 M H z
sq u a r e
wa v e
External quartz
External oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com