Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202B Datasheet(PDF) 6 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 6 Page - ams AG

Back Button AS8202B Datasheet HTML 2Page - ams AG AS8202B Datasheet HTML 3Page - ams AG AS8202B Datasheet HTML 4Page - ams AG AS8202B Datasheet HTML 5Page - ams AG AS8202B Datasheet HTML 6Page - ams AG AS8202B Datasheet HTML 7Page - ams AG AS8202B Datasheet HTML 8Page - ams AG AS8202B Datasheet HTML 9Page - ams AG AS8202B Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ams.com
Revision 1.0
6 - 20
AS8202B
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only. Functional operation of the
device at these or any other conditions beyond those indicated in Electrical Characteristics on page 7 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Notes
Electrical Parameters
VDD
DC Supply voltage
-0.3
5.0
V
VIN
Input voltage
-0.3
VDD+0.3
V
any pin
IIN
Input current
-100
100
mA
any pin, TAMB=25ºC
Electrostatic Discharge
ESD
Electrostatic discharge
1000
V
HBM: 1KV Mil.std.883, Method 3015.7
Temperature Ranges and Storage Conditions
TSTRG
Storage temperature
-55
+150
ºC
TBODY
Package body temperature
260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-Hermetic
Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
H
Humidity non-condensing
5
85
%
MSL
Moisture sensitivity level
3
Represents a maximum floor life time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com