Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202B Datasheet(PDF) 13 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 13 Page - ams AG

Back Button AS8202B Datasheet HTML 9Page - ams AG AS8202B Datasheet HTML 10Page - ams AG AS8202B Datasheet HTML 11Page - ams AG AS8202B Datasheet HTML 12Page - ams AG AS8202B Datasheet HTML 13Page - ams AG AS8202B Datasheet HTML 14Page - ams AG AS8202B Datasheet HTML 15Page - ams AG AS8202B Datasheet HTML 16Page - ams AG AS8202B Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ams.com
Revision 1.0
13 - 20
AS8202B
Datasheet - Detailed Descr i p ti on
7.2 Reset and Oscillator
7.2.1 External Reset Signal
To issue a reset of the chip the RESETB port has to be driven low for at least 1µs. Pulses under 50ns duration are discarded. At power-up the
reset must overlap the build-up time of the power supply. This reset may only be used if a proper power-on reset can be ensured (refer to Section
7.2.2 Integrated Power-On Reset).
7.2.2 Integrated Power-On Reset
The device has an internal Power-On-Reset generator. When supply voltage ramps up, the internal reset signal is kept active (low) for 33µs
typical.
Note: In case of non-compliance keep the external reset (RESETB) active for min. 5 ms after supply voltage is valid and main clock is stable.
7.2.3 Oscillator Circuitry
The main clock requires an external oscillator. The bus guardian requires an external oscillator or an external quartz.
Figure 9. Main Clock Setup
XIN0 of the main clock shall be supplied by a 40MHz clock provided by an oscillator IC.
Table 6. Pin Mode
Pin Name
Mode
Comment
XIN1
analog
Bus guardian oscillator input (external clock input)
RESETB
in
External reset
Table 7. Parameters
Symbol
Parameter
Min
Typ
Max
Unit
dV/dt
supply voltage slope
551
-
-
V/ms
tpores
power on reset active time after VDD > 1,0V
25
33
49
µs
External oscillator
40MHz
square
wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com