Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202B Datasheet(PDF) 3 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 3 Page - ams AG

  AS8202B Datasheet HTML 1Page - ams AG AS8202B Datasheet HTML 2Page - ams AG AS8202B Datasheet HTML 3Page - ams AG AS8202B Datasheet HTML 4Page - ams AG AS8202B Datasheet HTML 5Page - ams AG AS8202B Datasheet HTML 6Page - ams AG AS8202B Datasheet HTML 7Page - ams AG AS8202B Datasheet HTML 8Page - ams AG AS8202B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ams.com
Revision 1.0
3 - 20
AS8202B
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Dir
Description
VDD
4, 12, 29, 49, 59, 74
Power pin
Positive Power Supply
VSS
13, 30, 41, 50, 60,
75, 80
Negative Power Supply
VDDBG
70
Positive Power Supply for Bus Guardian (connect to VDD)
VSSBG
73
Negative Power Supply for Bus Guardian (connect to VSS)
VSS
VDD
VSS
XIN0
NC
CTEST
TXD0
VDD
CTS0
RXER0
TXCLK0
RXCLK0
RXD0
RXDV0
VDD
TXD1
VSS
CTS1
RXER1
TXCLK1
RXCLK1
RXD1
RXDV1
D7
D5
D6
D4
D2
D3
D1
D0
VDD
A10
A11
A9
A7
A8
A6
VSS
A5
1
20
21
40
41
60
61
80
AS8202B
TTP
Communications
Controller
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com