Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202B Datasheet(PDF) 5 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 5 Page - ams AG

  AS8202B Datasheet HTML 1Page - ams AG AS8202B Datasheet HTML 2Page - ams AG AS8202B Datasheet HTML 3Page - ams AG AS8202B Datasheet HTML 4Page - ams AG AS8202B Datasheet HTML 5Page - ams AG AS8202B Datasheet HTML 6Page - ams AG AS8202B Datasheet HTML 7Page - ams AG AS8202B Datasheet HTML 8Page - ams AG AS8202B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ams.com
Revision 1.0
5 - 20
AS8202B
Datasheet - Pin Assignm ents
A[11:0]
48-42, 39-35
TTL Input
Host Interface (CNI) Address Bus
2
D[15:0]
69-62, 58-51
TTL input/output with tristate Host Interface (CNI) Data Bus, tristate
CEB
76
TTL Input with internal weak
pull-up
Host Interface (CNI) chip enable, active low
OEB
77
Host interface (CNI) output enable, active low
WEB
78
Host interface (CNI) write enable, active low
READYB
79
TTL output with internal weak
pull-up at tristate
Host interface (CNI) transfer finish signal, active low, open
drain
3
INTB
28
Host interface (CNI) time signal (interrupt), active low, open
drain
LED[2:0]
33-31
TTL output with internal weak
pull-down at tristate
Configurable generic output port
NC
1, 27, 40
Not connected, leave open
1. This pin selects a clock multiplier of 1. This is the only supported operation mode.
2. The device is addressed at 16-bit data word boundaries. If the device is connected to a CPU with a byte-granular address bus, remem-
ber that A[11:0] of the AS8202B device has to be connected to A[12:1] of the CPU (considering a little endian CPU address bus)
3. At de-assertion READYB is driven to the inactive value (high) for a configurable time.
Table 1. Pin Descriptions
Pin Name
Pin Number
Dir
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com