Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202B Datasheet(PDF) 1 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 1 Page - ams AG

  AS8202B Datasheet HTML 1Page - ams AG AS8202B Datasheet HTML 2Page - ams AG AS8202B Datasheet HTML 3Page - ams AG AS8202B Datasheet HTML 4Page - ams AG AS8202B Datasheet HTML 5Page - ams AG AS8202B Datasheet HTML 6Page - ams AG AS8202B Datasheet HTML 7Page - ams AG AS8202B Datasheet HTML 8Page - ams AG AS8202B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AS8202B
TTP-C2NF Communication Controller
www.ams.com
Revision 1.0
1 - 20
1 General Description
The AS8202B communication controller is an integrated device
supporting serial communication according to the TTP specification
version 1.1. It performs all communication tasks such as reception
and transmission of messages in a TTP cluster without interaction of
the host CPU. TTP provides mechanisms that allow the deployment
in high-dependability distributed real-time systems. It provides the
following services:

Predictable transmission of messages with minimal jitter

Fault-tolerant distributed clock synchronization

Consistent membership service with small delay

Masking of single faults
2 Key Features

Dual-channel controller for redundant data transfers

Dedicated controller supporting TTP (time-triggered protocol
class C standardized in SAE 6003)

Suited for dependable distributed real-time systems with
guaranteed response time

Asynchronous data rate up to 4 Mbit/s (MFM/Manchester)

Synchronous data rate 20 to 25 Mbit/s

Bus interface (speed, encoding) for each channel selectable
independently

40 MHz oscillator clock support

16 MHz bus guardian clock with support for 16 MHz crystal or
16 MHz oscillator

Single power supply 3.3V, 0.35µm CMOS process

Full automotive temperature range (-40ºC to 125ºC)

16k x 16 SRAM for message, status, control area
(communication network interface) and for scheduling
information (MEDL)

4k x 16 (plus parity) instruction code RAM for protocol execution
code

Datasheet conforms to protocol revision 2.05

16k x 16 instruction code ROM containing startup execution
code and deprecated protocol code revision 1.00

16-bit non-multiplexed asynchronous host CPU interface

16-bit RISC architecture

Software tools, design support, development boards available
Visit www.tttech.com

Certification support package according to RTCA/DO-254 DAL
A available – Visit www.tttech.com

RoHS conform
3 Applications
The device is ideal for application fields such as, aerospace
according to DO-254 level A (e.g. flight control, power distribution,
engine control), industrial systems, and railway systems.
Figure 1. Block Diagram
Bus
Guardi
an
Bus
Guardian
TTP Bus Unit
Synchronous
Bus Interface
(MII)
Asynchronous
Bus Interface
(MFM/
Manchester)
Test Interface
TTP Protocol
Processor Core
Communication
Network
Interface
(CNI)
Instruction Memory
RAM & ROM
D[15:0]
A[11:0]
CEB
OEB
WEB
READYB
INTB
LED[2:0]
RAM_CLK_TESTSE
USE_RAM_CLK
XIN0
RESETB
RxD[1:0]
RxCLK[1:0]
RxDV[1:0]
RxER[1:0]
XIN1
XOUT1
TxD[1:0]
CTS[1:0]
RAM_CLK_TESTSE
FTEST
STEST
FIDIS
TTEST
AS8202B
TxCLK[1:0]


Similar Part No. - AS8202B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8202 AMSCO-AS8202 Datasheet
101Kb / 10P
TTP/C-C2 Communication Controller
AS8202NF AMSCO-AS8202NF Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202NF AMSCO-AS8202NF Datasheet
2Mb / 25P
TTP-C2NF Communication Controller
AS8202NF-ALQR AMSCO-AS8202NF-ALQR Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
AS8202NF-ALQT AMSCO-AS8202NF-ALQT Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
More results

Similar Description - AS8202B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9405 OKI-MSM9405 Datasheet
147Kb / 30P
IrDA Communication Controller
logo
ams AG
AS8201 AMSCO-AS8201 Datasheet
247Kb / 13P
TTP/C-C1 Communications Controller
AS8202 AMSCO-AS8202 Datasheet
101Kb / 10P
TTP/C-C2 Communication Controller
logo
Zilog, Inc.
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
logo
Motorola, Inc
MPC860SAR MOTOROLA-MPC860SAR Datasheet
45Kb / 16P
ATM communication controller
logo
List of Unclassifed Man...
YM3802 ETC1-YM3802 Datasheet
242Kb / 8P
MIDI Communication Sevice Controller
logo
ams AG
AS8202NF AMSCO-AS8202NF Datasheet
587Kb / 20P
TTP-C2NF Communication Controller
logo
Advantech Co., Ltd.
ADAM-4501 ADVANTECH-ADAM-4501 Datasheet
554Kb / 1P
Ethernet-enabled Communication Controller
logo
ams AG
AS8202NF AMSCO-AS8202NF_14 Datasheet
2Mb / 25P
TTP-C2NF Communication Controller
logo
FOTEK CONTROLS CO., LTD...
NT-22 FOTEK-NT-22 Datasheet
1Mb / 7P
Temperature Controller&Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com