Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202B Datasheet(PDF) 4 Page - ams AG

Part # AS8202B
Description  TTP-C2NF Communication Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202B Datasheet(HTML) 4 Page - ams AG

  AS8202B Datasheet HTML 1Page - ams AG AS8202B Datasheet HTML 2Page - ams AG AS8202B Datasheet HTML 3Page - ams AG AS8202B Datasheet HTML 4Page - ams AG AS8202B Datasheet HTML 5Page - ams AG AS8202B Datasheet HTML 6Page - ams AG AS8202B Datasheet HTML 7Page - ams AG AS8202B Datasheet HTML 8Page - ams AG AS8202B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ams.com
Revision 1.0
4 - 20
AS8202B
Datasheet - Pin Assignm ents
RAM_CLK_TESTSE
21
TTL Input with internal weak
pull-down
RAM_CLK when STEST=0 and USE_RAM_CLK=1, else
Test Input, connect to VSS if not used
STEST
22
Test Input, connect to VSS
FTEST
24
Test Input, connect to VSS
FIDIS
25
Test Input, connect to VSS
TTEST
61
TTL Input with internal weak
pull-up
Test Input, connect to VDD
USE_RAM_CLK
34
TTL Input with internal weak
pull-down
RAM_CLK Pin Enable, connect to VSS if not used
XIN0
2
Analog CMOS pin
Main Clock: 40MHz external clock input
CTEST
3
Test input, to be unconnected
OSCMODE
23
TTL Input with internal weak
pull-down
Connect to VDD
1
XIN1
72
Analog CMOS pin
Bus Guardian Clock: Analog CMOS Oscillator Input, use as
input when providing external clock
XOUT1
71
Bus Guardian Clock: Analog CMOS Oscillator Output,
leave open when providing external clock
RESETB
26
TTL Input with internal weak
pull-up
Main Reset Input, active low
TxD0
5
TTL output with internal weak
pull-up at tristate
TTP Bus Channel 0: Transmit Data
CTS0
6
TTL output with internal weak
pull-down at tristate
TTP Bus Channel 0: Transmit Enable
RxD0
11
TTL Input with internal weak
pull-up
TTP Bus Channel 0: Receive Data
TxCLK0
7
TTL Input with internal weak
pull-down
TTP Bus Channel 0: Transmit Clock (MII mode)
RxER0
8
TTL Input with internal weak
pull-up
TTP Bus Channel 0: Receive Error (MII mode)
RxCLK0
9
TTL Input with internal weak
pull-down
TTP Bus Channel 0: Receive Clock (MII mode)
RxDV0
10
TTL Input with internal weak
pull-up
TTP Bus Channel 0: Receive Data Valid (MII mode)
TxD1
14
TTL output with internal weak
pull-up at tristate
TTP Bus Channel 1: Transmit Data
CTS1
15
TTL output with internal weak
pull-down at tristate
TTP Bus Channel 1: Transmit Enable
RxD1
20
TTL Input with internal weak
pull-up
TTP Bus Channel 1: Receive Data
TxCLK1
16
TTL Input with internal weak
pull-down
TTP Bus Channel 1: Transmit Clock (MII mode)
RXER1
17
TTL Input with internal weak
pull-up
TTP Bus Channel 1: Receive Error (MII mode)
RXCLK1
18
TTL Input with internal weak
pull-down
TTP Bus Channel 1: Receive Clock (MII mode)
RxDV1
19
TTL Input with internal weak
pull-up
TTP Bus Channel 1: Receive Data Valid (MII mode)
Table 1. Pin Descriptions
Pin Name
Pin Number
Dir
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com