Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4806-1ARJZ-R2
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4806-1ARJZ-R2 Datasheet HTML 1Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 2Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 3Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADA4806-1
Data Sheet
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SLEEP PIN
SLEEP Voltage
Low
Powered down
<−1.3
V
High
Enabled
>−0.9
V
SLEEP Current
Low
Low Power Mode, SLEEP = −VS
−1.0
+0.2
µA
High
Enabled
0.02
1.0
µA
Turn-Off Time (Full Power Mode to Sleep Mode)
50% of SLEEP to 30% of enabled quiescent
current
180
240
ns
Turn-On Time (Sleep Mode to Full Power Mode)
50% of SLEEP to >99% of final VOUT
450
600
ns
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
(Rising/Falling Edge)
VIN = +6 V to −6 V, G = +2
95/100
ns
Output Voltage Swing
RL = 2 kΩ
−4.98
+4.98
V
Short-Circuit Current
Sourcing/sinking; full power mode
85/73
mA
Sourcing/sinking; low power mode, SLEEP = −VS
1.4/1.8
mA
Linear Output Current
<1% total harmonic distortion (THD) at 100 kHz,
VOUT = 2 V p-p
±58
mA
Off Isolation
VIN = 0.5 V p-p, f = 1 MHz, SHUTDOWN = −VS
41
dB
Capacitive Load Drive
30% overshoot
15
pF
POWER SUPPLY
Operating Range
2.7
10
V
Quiescent Current per Amplifier
Full power mode
570
625
µA
Low power mode, SLEEP = −VS
85
µA
SHUTDOWN = −VS
7.4
12
µA
Power Supply Rejection Ratio (PSRR)
Positive
+VS = +3 V to +5 V, −VS = −5 V
100
119
dB
Negative
+VS = +5 V, −VS = −3 V to −5 V
100
122
dB
1
fC is the fundamental frequency.
2
Guaranteed, but not tested.
5 V SUPPLY
VS = 5 V at TA = 25°C; RF = 0 Ω for G = +1; otherwise, RF = 1 kΩ; RL = 2 kΩ to midsupply; unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.02 V p-p
105
MHz
G = +1, VOUT = 2 V p-p
35
MHz
Bandwidth for 0.1 dB Flatness
G = +1, VOUT = 0.02 V p-p
20
MHz
Slew Rate
G = +1, VOUT = 2 V step
160
V/µs
G = +2, VOUT = 4 V step
220
V/µs
Settling Time to 0.1%
G = +1, VOUT = 2 V step
35
ns
G = +2, VOUT = 4 V step
82
ns
Rev. 0 | Page 4 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com