Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4806-1ARJZ-R2
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4806-1ARJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 14Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 15Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 18Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADA4806-1
0
100
200
300
400
500
600
700
800
0
1
–1
2
3
4
5
6
TIME (µs)
+125°C
+25°C
–40°C
VS = ±2.5V
G = +1
RL = 2kΩ
Figure 35. Turn-Off Response Time to Shutdown for Various Temperatures
(See Figure 51)
TIME (µs)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–1
0
1
2
3
G = +1
RL = 2kΩ
VS = +2/–1V
VS = ±2.5V
VS = ±5V
Figure 36. Turn-On Response Time from Shutdown for Various Supplies
0
100
200
300
400
500
600
800
700
0
1
–1
2
3
4
5
6
TIME (µs)
VS = ±1.5V
VS = ±5V
VS = ±2.5V
G = +1
RL = 2kΩ
Figure 37. Turn-Off Response Time to Shutdown for Various Supplies
TIME (µs)
0
100
200
300
400
500
600
700
800
–1
0
1
2
3
4
5
6
VS = ±2.5V
G = +1
RL = 2kΩ
+125°C
+25°C
–40°C
Figure 38. Turn-Off Response Time to Sleep for Various Temperatures
(See Figure 51)
TIME (µs)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.5
–0.25
0.25
0.75
G = +1
RL = 2kΩ
VS = ±5V
VS = +2V/–1V
VS = ±2.5V
Figure 39. Turn-On Response Time from Sleep for Various Supplies
TIME (µs)
0
100
200
300
400
500
600
700
800
–1
0
1
2
3
4
5
6
G = +1
RL = 2kΩ
VS = ±5V
VS = ±2.5V
VS = ±1.5V
Figure 40. Turn-Off Response Time to Sleep for Various Supplies
Rev. 0 | Page 15 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com