Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4806-1ARJZ-R2
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4806-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 14Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 15Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4806-1
Data Sheet
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±2.5V
G = +1
Figure 17. Voltage Noise vs. Frequency
–300
–250
–200
–150
–100
–50
0
50
100
150
200
250
300
0
1
2
3
4
5
6
7
8
9
10
TIME (Seconds)
VS = ±2.5V
AVERAGE NOISE = 54nV rms
Figure 18. 0.1 Hz to 10 Hz Voltage Noise
–140
–120
–100
–80
–60
–40
–20
0
20
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–PSRR
+PSRR
CMRR
VS = ±2.5V
ΔVS, ΔVCM = 100mV p-p
Figure 19. CMRR, PSRR vs. Frequency
0
2
4
6
8
10
12
1
10
100
1k
100k
10k
FREQUENCY (Hz)
10M
1M
VS = ±2.5V
G = +1
Figure 20. Current Noise vs. Frequency (See Figure 48)
FREQUENCY (MHz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0.01
0.1
1
10
100
VS = ±2.5V
G = +1
RL = 2kΩ
VIN = 0.5 Vp-p
SHUTDOWN = –VS
SLEEP = –VS
Figure 21. Forward Isolation vs. Frequency
VS = +5V
G = +1
VOUT = 2V STEP
RL = 2kΩ
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0
20
40
60
80
100
TIME (ns)
120
140
160
180
Figure 22. Settling Time to 0.1%
Rev. 0 | Page 12 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com