Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4806-1ARJZ-R2
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4806-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADA4806-1
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
RL = 2 kΩ, unless otherwise noted. When G = +1, RF = 0 Ω.
–12
–9
–6
–3
0
3
0.1
1
10
100
1000
FREQUENCY (MHz)
G = +1
G = +10
VS = ±2.5V
VOUT = 20mV p-p
RL = 2kΩ
RF = 1kΩ
G = +5
G = +2
Figure 5. Small Signal Frequency Response for Various Gains
–12
–9
–6
–3
0
3
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = ±2.5V
G = +1
VOUT = 20mV p-p
RL = 2kΩ
–40°C
+25°C
+125°C
Figure 6. Small Signal Frequency Response for Various Temperatures
–12
–9
–6
–3
0
3
0.1
1
10
100
1000
FREQUENCY (MHz)
G = +1
VOUT = 20mV p-p
RL = 2kΩ
VS = ±1.5V
VS = ±2.5V
VS = ±5V
Figure 7. Small Signal Frequency Response for Various Supply Voltages
–12
–9
–6
–3
0
3
0.1
1
10
100
FREQUENCY (MHz)
VS = ±2.5V
VOUT = 2V p-p
RF = 1kΩ
RL = 2kΩ
G = +2
G = +5
G = +10
G = +1
Figure 8. Large Signal Frequency Response for Various Gains
–9
–6
–3
0
3
0.1
1
10
100
FREQUENCY (MHz)
VS = ±2.5V
G = +1
VOUT = 2V p-p
RL = 2kΩ
+25°C
+125°C
–40°C
Figure 9. Large Signal Frequency Response for Various Temperatures
FREQUENCY (MHz)
–6
–3
0
3
0.1
1
10
100
1000
VS = ±2.5V
G = +1
RL = 2kΩ
VOUT = 20mV p-p
VOUT = 0.5V p-p
VOUT = 2V p-p
VOUT = 100mV p-p
Figure 10. Frequency Response for Various Output Voltages
Rev. 0 | Page 10 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com