Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4806-1ARJZ-R2
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4806-1ARJZ-R2 Datasheet HTML 1Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 2Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 3Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
0.2 µV/°C Offset Drift, 105 MHz, Low Power,
Multimode, Rail-to-Rail Amplifier
Data Sheet
ADA4806-1
FEATURES
Ultralow supply current
Full power mode: 500 µA
Sleep mode: 74 µA
Shutdown mode: 2.9 µA
Dynamic power scaling
Turn-on time from shutdown mode: 1.5 µs
Turn-on time from sleep mode: 0.45 µs
High speed performance with dc precision
Input offset voltage: 125 µV maximum
Input offset voltage drift: 1.5 µV/°C maximum
−3 dB bandwidth: 105 MHz
Slew rate: 160 V/ µs
Low noise and distortion
5.9 nV/√Hz input voltage noise with 8 Hz 1/f corner
−102 dBc/−126 dBc HD2/HD3 at 100 kHz
Wide supply range: 2.7 V to 10 V
Small package: 8-lead SOT-23
APPLICATIONS
Portable and battery-powered instruments and systems
High channel density data acquisition systems
Precision analog-to-digital converter (ADC) drivers
Voltage reference buffers
Portable point of sales terminals
Active RFID readers
GENERAL DESCRIPTION
The ADA4806-1 is a high speed, voltage feedback, rail-to-rail
output, single operational amplifier with three power modes:
full power mode, sleep mode, and shutdown mode. In full
power mode, this amplifier provides a wide bandwidth of 105 MHz
at a gain of +1, a fast slew rate 160 V/μs, and excellent dc precision
with a low input offset voltage of 125 μV (maximum) and an input
offset voltage drift of 1.5 μV/°C (maximum), while con-suming
only 500 μA of quiescent current. Despite being a low power
amplifier, the ADA4806-1 provides excellent overall
performance, making it ideal for low power, high resolution
data conversion systems.
For data conversion applications where minimizing power
dissipation is paramount, the ADA4806-1 offers a method to
reduce power by dynamically scaling the quiescent power of the
ADC driver with the sampling rate of the system by switching the
amplifier to a lower power mode between samples.
TYPICAL APPLICATIONS CIRCUIT
5V
2.5V REF
C2
10µF
C1
2.7nF
IN+
REF
GND
VDD
VDD
IN–
C3
0.1µF
C4
100nF
ADA4806-1
5V
0V TO VREF
ADA4806-1
AD7980
R3
20Ω
Figure 1. Driving the AD7980 with the ADA4806-1
Sleep mode reduces the amplifier quiescent current to 74 µA
and provides a fast turn-on time of only 0.45 µs, enabling the
use of dynamic power scaling for sample rates approaching
2 MSPS. For additional power savings at lower samples rates,
the shutdown mode further reduces the quiescent current to
only 2.9 µA.
The ADA4806-1 operates over a wide range of supply voltages
and is fully specified at supplies of 3 V, 5 V and ±5 V. This
amplifier is available in a compact, 8-lead SOT-23 package and
is rated to operate over the industrial temperature range of
−40°C to +125°C.
ADC SAMPLE RATE (ksps)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1
10
100
1000
SLEEP MODE
SHUTDOWN MODE
Figure 2. Quiescent Power Dissipation vs. ADC Sample Rate,
Using Dynamic Power Scaling for the Two Low Power Modes
Table 1. Complementary ADCs to the ADA4806-1
Product
ADC Power (mW)
Throughput
(MSPS)
Resolution
(Bits)
SNR
(dB)
AD7980
4.0
1
16
90.51
AD7982
7.0
1
18
98
AD7984
10.5
1.33
18
98.5
1
This SNR value is for the A Grade version of the AD7980.
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADA4806-1ARJZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4806-1ARJZ-R2 AD-ADA4806-1ARJZ-R2 Datasheet
711Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
Rev. 0
ADA4806-1ARJZ-R2 AD-ADA4806-1ARJZ-R2 Datasheet
719Kb / 24P
0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
Rev. A
More results

Similar Description - ADA4806-1ARJZ-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI1-OPA2188 Datasheet
1Mb / 26P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Analog Devices
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
ADA4806-1 AD-ADA4806-1_16 Datasheet
711Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
Rev. 0
logo
Texas Instruments
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
logo
Analog Devices
ADA4805-2-EP AD-ADA4805-2-EP Datasheet
233Kb / 9P
0.4 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com