Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4806-1ARJZ-R2
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4806-1ARJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 14Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 15Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 18Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 19Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 20Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADA4806-1
TEST CIRCUITS
50
Ω
RS
+2.5V
–2.5V
VOUT
2kΩ
CL
VIN
20mV p-p
Figure 47. Output Capacitive Load Behavior Test Circuit (See Figure 11)
75kΩ
+2.5V
–2.5V
VOUT
Figure 48. Current Noise Test Circuit (See Figure 20)
IB+
IB–
Figure 49. Input Bias Current Temperature Test Circuit (See Figure 25)
–2.5V
0.5V
5V
+
–
–2.5V
SHUTDOWN OR SLEEP
+2.5V
VOUT
2kΩ
Figure 50. Turn-On Response Test Circuit (See Figure 31 and Figure 34)
–2.5V
IS
–2.5V
+2.5V
VOUT
2kΩ
5V
+
–
SHUTDOWN OR SLEEP
Figure 51. Turn-Off Response Test Circuit (See Figure 35 and Figure 38)
Rev. 0 | Page 17 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com