Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4806-1ARJZ-R2
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4806-1ARJZ-R2 Datasheet HTML 1Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 2Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 3Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADA4806-1
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Typical Applications Circuit............................................................ 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
±5 V Supply................................................................................... 3
5 V Supply...................................................................................... 4
3 V Supply...................................................................................... 6
Absolute Maximum Ratings............................................................ 8
Thermal Resistance ...................................................................... 8
Maximum Power Dissipation ..................................................... 8
ESD Caution.................................................................................. 8
Pin Configurations and Function Descriptions ........................... 9
Typical Performance Characteristics ........................................... 10
Test Circuits..................................................................................... 17
Theory of Operation ...................................................................... 18
Amplifier Description................................................................ 18
Input Protection ......................................................................... 18
Shutdown/Sleep Mode Operation............................................ 18
Noise Considerations................................................................. 19
Applications Information .............................................................. 20
Slew Enhancement..................................................................... 20
Effect of Feedback Resistor on Frequency Response ............ 20
Compensating Peaking in Large Signal Frequency Response... 20
Driving Low Power, High Resolution Successive
Approximation Register (SAR) ADCs..................................... 20
Dynamic Power Scaling............................................................. 21
Single-Ended to Differential Conversion ................................... 23
Layout Considerations............................................................... 23
Outline Dimensions....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
9/15—Revision 0: Initial Version
Rev. 0 | Page 2 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com