Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4806-1ARJZ-R2
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4806-1ARJZ-R2 Datasheet HTML 1Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 2Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 3Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 4Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADA4806-1
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE/DISTORTION PERFORMANCE
Harmonic Distortion, HD2/HD31
fC = 20 kHz, VOUT = 2 V p-p
−114/−135
dBc
fC = 100 kHz, VOUT = 2 V p-p
−102/−126
dBc
fC = 20 kHz, G = +2, VOUT = 4 V p-p
−107/−143
dBc
fC = 100 kHz, G = +2, VOUT = 4 V p-p
−90/−130
dBc
Input Voltage Noise
f = 100 kHz
5.9
nV/√Hz
Input Voltage Noise 1/f Corner
8
Hz
0.1 Hz to 10 Hz Voltage Noise
54
nV rms
Input Current Noise
f = 100 kHz
0.6
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
Full power mode
10
125
µV
Low power mode, SLEEP = −VS
500
µV
Input Offset Voltage Drift2
TMIN to TMAX, 4 σ
0.2
1.5
µV/°C
Input Bias Current
Full power mode
470
720
nA
Low power mode, SLEEP = −VS
3
nA
Input Offset Current
0.4
nA
Open-Loop Gain
VOUT = 1.25 V to 3.75 V
105
109
dB
INPUT CHARACTERISTICS
Input Resistance
Common Mode
50
MΩ
Differential Mode
260
kΩ
Input Capacitance
1
pF
Input Common-Mode Voltage Range
−0.1
+4
V
Common-Mode Rejection Ratio
VIN, CM = 1.25 V to 3.75 V
103
133
dB
SHUTDOWN PIN
SHUTDOWN Voltage
Low
Powered down
<1.5
V
High
Enabled
>1.9
V
SHUTDOWN Current
Low
Powered down
−1.0
+0.1
µA
High
Enabled
0.01
1.0
µA
Turn-Off Time
50% of SHUTDOWN to <10% of enabled
quiescent current
0.9
1.25
µs
Turn-On Time
50% of SHUTDOWN to >99% of final VOUT
1.5
4
µs
SLEEP PIN
SLEEP Voltage
Low
Powered down
<1.5
V
High
Enabled
>1.9
V
SLEEP Current
Low
Low power mode, SLEEP = −VS
−1.0
+0.1
µA
High
Enabled
0.01
1.0
µA
Turn-Off Time (Full Power Mode to
Sleep Mode)
50% of SLEEP to 30% of enabled quiescent
current
150
185
ns
Turn-On Time (Sleep Mode to Full
Power Mode)
50% of SLEEP to >99% of final VOUT
450
600
ns
Rev. 0 | Page 5 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com