Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4806-1ARJZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4806-1ARJZ-R2
Description  0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4806-1ARJZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4806-1ARJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 18Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 19Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 20Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 21Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 22Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 23Page - Analog Devices ADA4806-1ARJZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADA4806-1
Figure 61 shows a typical 16-bit, single-supply application. The
ADA4806-1 drives the AD7980, a 16-bit, 1 MSPS, SAR ADC in
a low power configuration. The AD7980 operates on a 2.5 V
supply and supports an input from 0 V to VREF. In this case, the
ADR435 provides a 5 V reference. The ADA4806-1 is used both
as a driver for the AD7980 and as a reference buffer for the
ADR435.
The low-pass filter formed by R3 and C1 reduces the noise to
the input of the ADC (see Figure 61). In lower frequency
applications, the designer can reduce the corner frequency of
the filter to remove additional noise.
AD7980
C2
10µF
IN+
IN–
GND
VDD
REF
C3
0.1µF
C4
100nF
VDD
C1
2.7nF
R3
20Ω
+7.5V
+7.5V
ADA4806-1
ADA4806-1
ADR435
5V REF
0V TO
VREF
Figure 61. Driving the AD7980 with the ADA4806-1
In this configuration, the ADA4806-1 consume 7.2 mW of
quiescent power. The measured signal-to-noise ratio (SNR),
THD, and signal-to-noise-and-distortion ratio (SINAD) of the
whole system for a 10 kHz signal are 89.4 dB, 104 dBc, and
89.3 dB, respectively. This translates to an effective number of
bits (ENOB) of 14.5 at 10 kHz, which is compatible with the
AD7980 performance. Table 10 shows the performance of this
setup at selected input frequencies.
DYNAMIC POWER SCALING
One of the merits of a SAR ADC, like the AD7980, is that its
power scales with the sampling rate. This power scaling makes
SAR ADCs very power efficient, especially when running at a
low sampling frequency. However, the ADC driver used with
the SAR ADC traditionally consumes constant power regardless
of the sampling frequency.
Figure 62 illustrates a method by which the quiescent power of
the ADC driver can be dynamically scaled with the sampling
rate of the system. By providing properly timed signals to the
convert input (CNV) pin of the ADC and the SHUTDOWN
and SLEEP pins of the ADA4806-1, both devices can be run at
optimum efficiency.
+5V
2.7nF
20Ω
TIMING
GENERATOR
VIN
AD7980
ADA4806-1
REF
VDD
GND
+6V
+2.5V
0.1µF
CNV
Figure 62. ADA4806-1/AD7980 Power Management Circuitry
Figure 63 illustrates the relative signal timing for power scaling
the ADA4806-1 and the AD7980. To prevent any degradation in
the performance of the ADC, the ADA4806-1 must have a fully
settled output into the ADC before the activation of the
CNV pin. The amplifier on-time (tAMP,ON) is the time the amplifier
is enabled prior to the rising edge of the CNV signal; this time
depends on whether the SHUTDOWN pin or SLEEP pin is being
driven. In the example shown in Figure 64, tAMP,ON is 3 µs for the
SHUTDOWN pin and 0.5 µs for the SLEEP pin. After a
conversion, the SHUTDOWN pin and/or the SLEEP pin of the
ADA4806-1 are pulled low when the ADC input is inactive in
between samples. While in shutdown mode, the ADA4806-1
output impedance is high.
Table 10. System Performance at Selected Input Frequencies for Driving the AD7980 Single-Ended
ADC Driver
Reference Buffer
Results
Input Frequency (kHz)
Supply (V)
Gain
Supply (V)
Gain
SNR (dB)
THD (dBc)
SINAD (dB)
ENOB
1
7.5
1
7.5
1
89.8
103
89.6
14.6
10
7.5
1
7.5
1
89.4
104
89.3
14.5
20
7.5
1
7.5
1
89.9
103
89.7
14.6
50
7.5
1
7.5
1
88.5
99
88.1
14.3
100
7.5
1
7.5
1
86.3
93.7
85.6
13.9
Rev. 0 | Page 21 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com