Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC3770 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 34Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 35Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 36Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 37Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 38Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 39Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 40Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 41Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
38
BC3770
6.1.2
Application Instructions
6.1.2.1
Determine the Inductor, L
Selecting the proper inductor value is a critical design step for a DC-DC converter.
Where fSW is the switching frequency and LIR is the inductor current ration expressed as a percentage of IOUT (e.g., for a 300 mA ripple
current with a 1.0 A output current, LIR = 0.3 A/1.0 A = 0.3).
Depending on the desired load transient performance, LIR can be set between 0.2 and 0.5. An LIR value of 0.3 is a good trade-off between
efficiency and load transient response. Increasing the LIR value results in more inductor ripple current, and speeds up the transient load
response. Decreasing the LIR value results in lower inductor ripple current and slows down the transient load response. The peak current
through the inductor should be considered when selecting the inductor. In particular, chose an inductor saturation current rating large
enough to handle the expected current. Allowing the inductor core to saturate reduces the overall converter efficiency, and raises the
temperature of both the inductor and the switching MOSFETs.
The inductor’s peak operating current is calculated as follows:
For instance, VBUS = 5.0 V, VSYS = 4.0 V, IOUT = 2.0 A, fSW = 1.5 MHz
L = (5.0 V – 3.6 V) x (3.6 V/5.0 V) x (1/1.5 MHz) x (1/(0.3x2 A)) = 1.12
H.
Select the inductor to a standard 1.0
H.
Then calculate the total ripple current with a 1.0
H inductor:
The peak current on the inductor is 2.3 A.
Therefore, select an inductor that has a higher rated current than the peak current and 1.0
H.
Another consideration is the inductor DC resistance, since it directly affects the efficiency of the converter. Ideally, the inductor with the
lower DC resistance should be considered to achieve higher efficiency.
Table 5. Recommended Inductors
Part Number
Inductance (
H)
Size
DCR (m
) Rated Current (mA)
T = 40 °C
Application
Vendor
CIGT2016201610GM1R0MNE
1.0
2.05 x1.65 x 0.9 mm
67
2300
2A charge
SEMCO
CIG22E1R0MNE
1.0
2.5 x2.0 x 1.0 mm
48
2300
2A charge
SEMCO
LQH32PN1R0-NN0
1.0
3.2 x 2.5 x 1.55 mm
54
2300
2A charge
Murata
1269AS-H-1R0M=P2
1.0
2.5 x 2 x 1.0 mm
60
3000
2A charge
TOKO
IFSC1008ABER1R0M01
1.0
2.5 x 2.0 x 1.2 mm
43
2600
2A charge
Vishay
CIG2MW1R0MNE
1.0
2.0 x 1.6 mm
85
1400
1A Charge
SEMCO
1285AS-H-1R0N=P2
1.0
2 x 1.6 x 1.0 mm
80
2300
1A Charge
TOKO
LVBUSMAX VSYSMIN
–

VSYSMIN
VBUSMAX
----------------------------
1
fSW
---------
1
LIR IOUTMAX
-----------------------------------------
=
IPEAK
IOUTMAX
I
inductor
2
---------------------------------
where
=
I
inductor
LIR IOUTMAX
=
I
inductor
LIR IOUTMAX
0.3 2.0A
0.6A
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com