Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC3770 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  BC3770 Datasheet HTML 1Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 2Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 3Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 4Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 5Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 6Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 7Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 8Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
Document Number: MC32BC3770
Rev. 1.0, 10/2015
Freescale Semiconductor
Advance Information
© Freescale Semiconductor, Inc., 2015. All rights reserved.
2.0 A Switch-Mode Charger with
Intelligent Power-Path for 1-Cell
Li-Ion Battery
The BC3770 is a fully programmable switching charger with dual-path output for
single-cell Li-Ion and Li-Polymer battery. This dual-path output allows mobile
applications with fully discharged battery or dead battery to boot up the system.
High-efficiency and switch-mode operation of the BC3770 reduce heat
dissipation and allow for higher current capability for a given package size. In
addition, the BC3770 features single input with a 20 V withstanding input and
charges the battery with the current up to 2.0 A. The charging parameters and
operating modes are fully programmable over an I2C Interface that operates up
to 400 kHz.
The BC3770 is a highly integrated synchronous switch-mode charger, featuring
integrated OVP and Power FETs. The charger and boost regulator circuits
switch at 1.5 MHz to minimize the size of external passive components. The
BC3770 is able to operate as a boost regulator for USB-OTG function via either
I2C command or an external pin from the host/processor. The BC3770 is
available in a 25-bump, 2.27 mm x 2.17 mm, WLCSP package.
Features
• Dual-path output to power-up system in dead battery
• Single input for USB/TA
• High-efficiency synchronous switching regulator
•20 V maximum withstanding input voltage
• Minimize the charging time with remote sense
• Up to 2.0 A load current for system or battery
• Programmable charge parameters via I2C compatible interface
•400 kHz full-speed I2C interface
•1.5 MHz switching frequency
• Charge reduction mode for maximizing charging efficiency
Figure 1. BC3770 Simplified Application Diagram
BATTERY CHARGER
BC3770
CS SUFFIX
98ASA00848D
25 WLCSP
Applications
• Internet of Things (IoT)
• Handheld consumer devices
• Wearable application
• mPOS terminals
• Medical portable equipment
• Consumer tablets
LX
PGND
System I/O
GND
System
Load
PMID
BOOT
VBUS
D-
D+
ID
GND
USB/TA
NOBAT
SDA
SCL
INTB
INT
SDA
SCL
MCU
CHGENB
VSYS
GPIO
BATSNSN
VL
SHDNB
CHGOUT
BATREG
GPIO
VIO
connected on the PCB
ADC
Optional
BC3770
Charge
Detector
+
-
VF
1-Cell
Li-Ion
Battery
VBUS


Similar Part No. - BC3770

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BC377 SEME-LAB-BC377 Datasheet
13Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
More results

Similar Description - BC3770

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Dallas Semiconductor
MAX713 DALLAS-MAX713 Datasheet
22Kb / 2P
Switch-Mode Battery Charger Delivers 5A
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135 Datasheet
174Kb / 1P
Programmable, USB/AC, Switch-Mode Battery Charger
logo
Microchip Technology
PS2070 MICROCHIP-PS2070 Datasheet
175Kb / 10P
Switch Mode Charger Evaluation Board
2005
logo
Eutech Microelectronics...
EUP8202 EUTECH-EUP8202 Datasheet
553Kb / 21P
Switch Mode Li-Ion/Polymer Battery Charger
logo
Anpec Electronics Corop...
APW7262 ANPEC-APW7262 Datasheet
799Kb / 41P
3MHz Synchronous Switch-Mode Battery Charger
logo
NXP Semiconductors
MC32BC3770 NXP-MC32BC3770 Datasheet
1Mb / 45P
2.0 A switch-mode charger with intelligent power-path for 1-cell li-ion battery
Rev. 1.0, 7/2016
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
logo
ON Semiconductor
FAN54511 ONSEMI-FAN54511 Datasheet
6Mb / 61P
3.2 A Dual Input, Switch Mode Charger with Power Path
April, 2018 ??Rev. 4
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745_V01 Datasheet
756Kb / 9P
Switch-Mode Lithium-Ion Battery-Charger
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com