Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC3770 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 4Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 5Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 6Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 7Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 8Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 9Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 10Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 11Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
8
BC3770
Power Switches
RDS(on)_Q1
Reverse Blocking MOSFET On-resistance
•Q1 FET
—
50
—
m
RDS(on)_Q2
Internal High-side MOSFET On-resistance
•Q2 FET
—
50
—
m
RDS(on)_Q3
Internal Low-side MOSFET On-resistance
•Q3 FET
—
70
—
m
RDS(on)_Q4
CHGOUT to VSYS MOSFET On-resistance
•Q4 FET
—
30
—
m
VSYS Output
VVSYS_MIN
VSYS Min. Regulation Voltage in IIN_LIM  IVSYS
• In both Trickle and pre-charge mode (VBATREG < VVSYS_MIN),
ISYS = 500 mA
3.5
3.6
3.71
V
VVSYS_MIN_OLP
VSYS Min Regulation Voltage in IIN_LIM < IVSYS (VSYS overloaded)
• VSYS falling in VSYS overloaded in VBUSOK = 1
3.3
3.4
—
V
VVSYS_MAX
SYS Max Regulation Voltage
• In VBUSOK = 1, ISYS_LOAD = 0 mA, ICHG = 1.5 A
—
VBATREG +
ICHG *
RDSON_Q4
VBATREG +
0.1 V
V
VSYSOK Threshold
• VSYS rising in VBUSOK = 1, VSYSOK bit set to 1
3.4
3.5
3.61
V
(8)
VSYSNG Threshold
• VSYS falling, VSYSNG bit set to 1
3.2
3.3
—
V
(8)
VSYS_REVERSE
Ideal Diode Regulation Voltage
• VSYS falling below BATREG, ISYS_LOAD = 3.0 A
—
VBATREG -
50 mV
VBATREG -
75 mV
V
(8)
VSYSLOAD
Load Regulation in Transition
•ISYS = 1.0 mA to 1.0 A in tR = 20 s
VBATREG -
0.2
VBATREG -
0.1
—
V
(8)
VSYS_UVLO
VSYS Undervoltage Lockout Threshold
• VSYS falling, 200 mV Hysteresis
2.3
2.4
2.5
V
tDIODE-ON
Ideal Diode Turn-on Time
—
10
—
s
tDIODE_OFF
Ideal Diode Turn-off Time
—
10
—
s
Battery Charger
VBATREG_RNG
BATREG Programmable Voltage Range
• Programmable in 25 mV steps
4.1
—
4.475
V
VBAT_REG
Voltage Accuracy
•IFAST_CHG = 0 mA, set to 4.2 V and 4.35 V at VBATREG
TA = 25 °C
TA = -40 to 85
-0.5
-1.0
—
—
0.5
1.0
%
VRCH
Recharge Threshold
•VBATREG - VBAT_REG
—
-100
—
mV
Notes
8.
Guaranteed by design, characterization, and correlation with process controls. Not fully tested in production.
9.
Designed and simulated according to I2C specifications except general call support.
10.
The regulation in boost is only guaranteed in the operation range.
Table 4. BC3770 Electrical Characteristics (continued)
Characteristics noted under conditions: VVBUS = 5.0 V, VBATREG = 3.7 V, VVIO = 1.8 V, CVBUS = CPMID = 2.2 F, CVSYS = 10 F,
CCHGOUT = 4.7 F, CVL = 1.0 F, L = 1.0 H, TA = - 40 °C to 85 °C *). Typical values are at TA = 25°C, unless otherwise noted. (6)
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com