Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC3770 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 37Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 38Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 39Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 40Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 41Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 42Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 43Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 44Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 45Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Analog Integrated Circuit Device Data
41
Freescale Semiconductor
BC3770
6.1.2.7
Bill of Materials
Figure 22 shows a typical connection diagram with an application processor on the mobile system. The following table lists the external
components for this diagram.
Table 6. Bill of Materials (23)
Item
Qty
Schematic Label
Value
Description (L x W in mm)
Part Number
Assy
Opt
1
1
VBUS
2.2
F
1.0 x 0.5 or 1.6 x 0.8, 10 V or higher,
X5R, ceramic capacitor
2
1
PMID
2.2
F
1.6 x 0.8 x 1.0, 10 V or higher, X5R,
ceramic capacitor
3
1
VL
1.0
F
1.0 x 0.5, 10 V or higher, X5R, ceramic
capacitor
4
1
CHGOUT
4.7
F
1.6 x 0.8, 10 V or higher, X5R, ceramic
capacitor
5
1
VSYS
10
F
1.6 x 0.8, 10 V or higher, X5R, ceramic
capacitor
6
1
LX
1.0
H
2.05 x 1.65, CIGT inductor in the
recommended table recommended
7
1
BOOT
22 nF
1.0 x 0.5, 10 V, X5R, ceramic
capacitor
8
1
NOBAT
100 k
0.6 x 0.3, a pull-down resistor to
connect to 1.8 V VDD ADC Input
9
1
INTB
200 k
0.6 x 0.3, a Pull-up resistor to system
I/O voltage rail, VIO
10
1
SDA
2.2 k
 or
1.5 k
1.0 x 0.5, a Pull-Up resistor to system
I/O voltage rail, VIO
11
1
SCL
2.2 k
 or
1.5 k
1.0 x 0.5, a Pull-Up resistor to system
I/O voltage rail, VIO
Notes
23.
Freescale does not assume liability, endorse, or warrant components from external manufacturers are referenced in circuit drawings or tables.
While Freescale offers component recommendations in this configuration, it is the customer’s responsibility to validate their application.
24.
Do not populate
25.
Critical components. For critical components, it is vital to use the manufacturer listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com