Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC3770 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 13Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 14Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 15Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 16Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 17Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 18Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 19Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 20Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Analog Integrated Circuit Device Data
17
Freescale Semiconductor
BC3770
Figure 5. Typical Charging Profile in No Fault Condition
BATREG and VSYS
VBATREG
4.1V -4.475V, 25mV steps, 4.2V Default
VSYS_MIN
3.6V
VTRICKLE
2.5V
VSYS
VBATSNSP
Trickle Charge Mode
Pre-Charge
(Constant Current)
Mode
Fast Charge
(Constant Current)Mode
Top-OFF
Mode
Done Mode
(Charger Disabled by
Top-Off timer expired)
ITRICKLE
90mA
Soft-Start=2ms
IPRECHG
150-450mA,
100mA steps,
450mA Default
IFAST CHG
Input & Charge Current
IBAT
100-2000mA,
500mA Default
ITOPOFF
100-650mA, 50mA steps,
100mA Default
IBAT=0mA
INTB
Read
& clear
Full-Charge
(Constant Voltage)
Mode
Read
& clear
Note 1: INT1 for Top-Off Interrupt, INT2 for Done Interrupt, INT3 for Recharge Interrupt
Note 2: The time of Read &Clear depends on the processor.
Note 3: Each deglitch time is not included.
Note 4; Charger restart condition is made on purpose to show the behavior.
IIN_LIM
100-2050mA,
500mA Default
0mA
IFAST_CHG x RDSON_Q4
INT1
INT2
tPRECHG_TMR
45min
reset
tFAST_TMR
Fast charge timer if enabled,
programmable
reset
tTOPOFF_TMR
VRCH
> tBAT RECHG
t
Read
& clear
INT3
Recharge-
Mode
2.0V
System I/O
available
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com