Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC3770 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  BC3770 Datasheet HTML 1Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 2Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 3Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 4Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 5Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 6Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 7Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 8Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Analog Integrated Circuit Device Data
5
Freescale Semiconductor
BC3770
B5
INTB
Output
Logic Output for Interrupt
An open-drain output with an external pull-up resistor, 200 k
, to the system I/O
supply. Active-low when status change on interrupt registers occurs.
C1, D1
LX
Switching Node
Connect a 1.0
H inductor. The two LX pins must be connected together
externally.
C2
NOBAT
Input
Logic Input for Battery
Presence Detection
Connect the pin to VF or ID pin on the battery cell. It has an internal pull-up
resistance, 300 k
 typ, to the VL. If a logic-high threshold is detected on the pin,
the charging is suspended immediately. If this pin is not used, connect it to
ground.
C3
GND
Ground
Device Ground
Must be connected to the system ground.
C4
BATREG
Battery + Terminal Sensing
Connect to positive terminal of battery cell as close as possible.
C5, D5, E5
CHGOUT
Output
Battery Charger Output
These pins must be connected together externally. Bypass with a 4.7
F/10 V or
higher to ground.
D2
CHGENB
Input
Charger Enable Logic Input
Logic-low to enable charger. Logic-high to disable the charger, not to disable
buck converter. It has an internal 300 k
 resistance to ground. If this pin is not
used, leave it open or connect it to ground. The serial interface, I2C, is still
available in CHGENB = High.
D3
SHDNB
Input
Logic Input for Disabling I2C
Interface
If there is no valid input source, logic-low is to put the I2C interface into Disabled
mode to reduce the idle current as low as possible. In the Shutdown mode, I2C
interface is not available but the Q4 FET is kept ON. A valid power source on
VBUS is able to overwrite to wake-up the device for Charge mode even in
SHDNB = Low. This pin is not effective as long as a valid input power source is
present.
This pin has an internal pull-down resistance, 300 k
 typ. If this pin is not used,
tie it to the system I/O supply rail or an appropriate rail to reduce idle current as
low as possible.
D4, E3, E4
VSYS
Output
System Supply Output
VSYS is the power supply for the system load. When a valid power source at
VBUS is attached, VSYS is regulated at 3.6 V until the BATREG hits the
threshold of VSYS_MIN x RDS(on)_Q4. When the +Terminal on the battery cell is
regulated at VBATREG, the VSYS output is regulated to the IFAST_CHG x
RDS(on)_Q4 above BATREG. Bypass with a 10 F/10 V ceramic capacitor to
ground.
E1, E2
PGND
Ground
Power Ground for the Buck
Converter
The two PGND pins must be connected together externally.
Table 2. BC3770 Pin Definitions (continued)
Pin
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com