Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC3770 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 5Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 6Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 7Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 8Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 9Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 10Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 11Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 12Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Analog Integrated Circuit Device Data
9
Freescale Semiconductor
BC3770
Battery Charger (Continued)
IBAT_STD
Stand-By Current
• No VBUS, VBATREG = 4.2 V, ISYS = 0 mA, SHDNB = H(I2C
active), Q4 = On with OCP enabled, ENCOMPARATOR bit reset to
0, others with default
—
60
—
A
IBAT_SHDN
Shutdown Current
• No VBUS, VBATREG = 4.2 V, charger disabled, Q4 = On with
OCP disabled, SHDNB = L (I2C inactive), ENCOMPARATOR bit
reset to 0, others with default
—
—
20
A
VCHGEN_ON
VCHGEN_OFF
Charger Enable Threshold
•VBUS - VBATREG, rising, valid VBUS detected to enable buck &
charging
•VBUS - VBATREG, falling, invalid VBUS detection to disable buck
& charging
100
0.0
150
50
200
—
mV
(11)
VTRICKLE
Trickle to Pre-charge Mode Change Threshold
•VBATREG rising, 100 mV Hysteresis
2.4
2.5
2.7
V
(11)
ITRICKLE
Trickle Charge Current
• Fixed, VBATREG = 2.3 V, VSYS = 3.6 V
—
90
—
mA
IPRECHG
Pre-charge Current Programmable Range
•450 mA default and test in production
150
—
450
mA
IFAST_CHG
Fast-charge Current Programmable Range
•500 mA default, test 500 mA, 1.0 A only in production
100
—
2000
mA
ITOPOFF
Top-off Current Programmable Range
•IFAST_CHG falling, 100 mA default, in 50 mA steps, test 100 mA
and 300 mA only in production
100
—
65
mA
VBAT_OVP
Overvoltage Protection Threshold
• BATREG rising
—
VBAT_REG
+ 0.1
—
V
Soft-start Slope Time
• In fast charge mode
—
1.17
—
mA/
s
Minimum Output Capacitance
• On CHGOUT, For stability
-30%
4.7
—
F
(11)
Charge Current Accuracy
• Pre-charge current at 150 mA
• Top-off current at 100 mA
•IFAST_CHG = 1000mA
•IFAST_CHG = 2000mA
-20
-20
-7.0
-7.0
—
—
—
—
20
20
7.0
7.0
%
(11)
Thermal Protection
TSD
Thermal Shutdown Temperature
• Temperature rising to shutdown with 20 °C hysteresis
—
150
—
°C
(11)
TCF
Thermal Regulation Threshold
• Rising, charge current starts to reduce and the Interrupt
triggered
—
100
—
°C
Thermal Regulation Gain
• To have no charge current with respect to IFAST_CHG,
TJ 100 °C
—
3.33
—
%/°C
Notes
11.
Guaranteed by design, characterization, and correlation with process controls. Not fully tested in production.
Table 4. BC3770 Electrical Characteristics (continued)
Characteristics noted under conditions: VVBUS = 5.0 V, VBATREG = 3.7 V, VVIO = 1.8 V, CVBUS = CPMID = 2.2 F, CVSYS = 10 F,
CCHGOUT = 4.7 F, CVL = 1.0 F, L = 1.0 H, TA = - 40 °C to 85 °C *). Typical values are at TA = 25°C, unless otherwise noted. (6)
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com