Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC3770 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 35Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 36Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 37Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 38Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 39Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 40Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 41Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 42Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Analog Integrated Circuit Device Data
39
Freescale Semiconductor
BC3770
6.1.2.2
Output Capacitors Characteristics
The ceramic capacitors with X5R or X7R rated, low ESR are recommended to absorb all reflected switching ripple current generated
during charging or system powering. The output capacitors need to ensure stability of the buck converter. Special attention should be
paid when selecting these components. As shown Figure 23 (Source: Murata web site), the DC bias of these capacitors can result in a
capacitance value that falls below the minimum valve given in the recommended capacitance.
The ceramic capacitor’s capacitance can vary with temperature and thickness. The capacitor type X7R, that operates over a temperature
range of -55 °C to +125 °C. The capacitor type X5R has a similar tolerance over a reduced temperature range of -55 °C to +85 °C. Tantalum
capacitors are not recommended due to a higher ESR values.
Figure 23. Capacitor DC Bias
6.1.2.3
Output Capacitor Selection
The output capacitor of a switching converter absorbs the AC ripple current from the inductor and provides the initial response to a load
transient. The ripple voltage at the output of the converter is the product of the ripple current flowing through the output capacitor and the
impedance of the capacitor. The impedance of the capacitor can be dominated by capacitive, resistive, or inductive elements within the
capacitor, depending on the frequency of the ripple current. Ceramic capacitors have a very low ESR and remain capacitive up to high
frequencies. Their inductive component can usually be neglected at the frequency ranges where the switcher operates. For a desired
voltage ripple at the output, the output capacitance should be decided by the following formula:
6.1.2.4
Input and Output Capacitors
The input capacitors with a 2.2
F, X5R or X7R rated, low ESR are recommended to absorb all reflected switching ripple current generated
during charging or system powering. The output capacitors need to ensure stability of the charger and buck converter. A 10
F on VSYS
and a 4.7
F on CHGOUT with X5R or X7R rated with an appropriate thickness, low ESR is able to make stable operations.
6.1.2.5
PMID Output Capacitor
The capacitor for PMID is used to accurately sense input current levels for VBUS input. It is recommended to use a 2.2
F ceramic
capacitor, X5R or X7R rated, low ESR. The voltage rating for a capacitor depends on the maximum input voltage protection rating.
10
F/10 V, X5R with 0.95 mm Thickness
10
F/10 V, X5R with 1.00 mm Thickness
VOUT ripple
–pp
–
I
ripple
8f
COUT
--------------------------------
=
where I
ripple
D
VIN VOUT
–

2L
f
--------------------------------------------------
=
DDuty
VOUT
VIN
-----------------
==
and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com