Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC3770 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 2Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 3Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 4Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 5Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 6Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 7Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 8Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 9Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
6
BC3770
4
Electrical Characteristics
4.1
Maximum Ratings
Stress(es) beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the following operational sections
of the specifications is not implied. Exposure to absolute maximum rating condition(s) for extended periods may affect device reliability.
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Symbol
Rating
Min.
Max.
Unit
Notes
ELECTRICAL RATINGS
VBUS, PMID to GND
-0.3
20
V
(1)
LX to GN
-0.3
20
V
(1)
BOOT to LX
-0.3
5.5
V
(1)
BOOT to GND
-0.3
25.5
V
PGND, BATSNSN to GND
-0.3
0.3
V
(1)
VL to GND
-0.3
5.5
V
VSYS, CHGOUT, BATREG to GND
-0.3
Continuous
6.0
V
PGND to GND
-0.3
0.3
V
(1)
All Other Pins to GND
-0.3
5.5
(1)
VESD1
VESD3
ESD Voltage
• Human Body Model (HBM)
• Machine Model
—
—
2000
200
V
(2)
(3)
THERMAL RATINGS
Continuous Power Dissipation
•TA  25 °C
•TA  70 °C
•TA  85 °C
—
—
—
2.08
1.14
0.832
W
TA
Operating Temperature
• Ambient
-40
85
C
TJ
Maximum Temperature
• Junction
—
150
C
TSTG
Storage Ambient Temperature
-65
150
C
TSOLDER
Lead Soldering Temperature (within 10 s)
—
300
°C
TJA
Thermal Resistance Junction to Ambient
—
48
°C/W
(4), (5)
Notes
1.
GND: all of the PGND and GND should be within the limit.
2.
Human Body Model (HBM) per JESD22-A114 for all pins
3.
Highly depends on the PCB heat dissipation. Tested with the Thermal Characteristics test condition below.
4.
TA = 70 °C
5.
Measured in still air, free convection condition (conforms to EIA/JESD51-2) on high effective thermal conductivity JESD51-7 test board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com