Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5537B Datasheet(PDF) 32 Page - Microchip Technology

Part # USB5537B
Description  7-Port SS/HS USB Hub Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5537B Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB5537B Datasheet HTML 28Page - Microchip Technology USB5537B Datasheet HTML 29Page - Microchip Technology USB5537B Datasheet HTML 30Page - Microchip Technology USB5537B Datasheet HTML 31Page - Microchip Technology USB5537B Datasheet HTML 32Page - Microchip Technology USB5537B Datasheet HTML 33Page - Microchip Technology USB5537B Datasheet HTML 34Page - Microchip Technology USB5537B Datasheet HTML 35Page - Microchip Technology USB5537B Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
USB5537B
DS00001682C-page 32
 2012 - 2015 Microchip Technology Inc.
5.5.4.1
Special Command Example
The following example shows how to read the Charger Detection register to find out what type of charger the hub has
connected to:
1.
First write data to the memory of the hub
.
2.
After the data is written, execute the Configuration Register Access command
.
3.
Finally, read back data starting at memory offset 04h, which is where the Data byte starts
.
Although the device can send out 128 bytes of memory data, it isn’t necessary to read the entire set, the SMBus Master
can send a stop at any time.
TABLE 5-4:
EXAMPLE SMBUS WRITE COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
00h
Memory address 0000h.
2
00h
Memory address 0000h.
3
03h
Number of bytes to write to memory.
4
80h
Get Port Device Status.
5
00h
Reading one data bytes.
6
1Fh
Read all ports.
TABLE 5-5:
CONFIGURATION REGISTER ACCESS COMMAND
Byte
Value
Comment
0
5Ah
Address plus write bit.
1
99h
Command 993Eh.
2
3Eh
Command 993Eh.
3
00h
Command Completion.
TABLE 5-6:
EXAMPLE SMBUS READ COMMAND
Byte
Value
Comments
0
5Ah
Address plus Write bit.
1
00h
Memory Address 0004h.
2
03h
Memory Address 0004h.
0
59h
Address plus Read bit.
1
80h
Device sends 128 bytes of data.
2
03h
Upstream Connection Status. (SS and HS)
3
02h
Port 1 Connection Status. (HS/FS/LS Only)
4
01h
Port 2 Connection Status. (SS Only)
5
02h
Port 3 Connection Status.(HS/FS/LS Only)
6
02h
Port 4 Connection Status.(HS/FS/LS Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com