Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5537B Datasheet(PDF) 16 Page - Microchip Technology

Part # USB5537B
Description  7-Port SS/HS USB Hub Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5537B Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB5537B Datasheet HTML 12Page - Microchip Technology USB5537B Datasheet HTML 13Page - Microchip Technology USB5537B Datasheet HTML 14Page - Microchip Technology USB5537B Datasheet HTML 15Page - Microchip Technology USB5537B Datasheet HTML 16Page - Microchip Technology USB5537B Datasheet HTML 17Page - Microchip Technology USB5537B Datasheet HTML 18Page - Microchip Technology USB5537B Datasheet HTML 19Page - Microchip Technology USB5537B Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
USB5537B
DS00001682C-page 16
 2012 - 2015 Microchip Technology Inc.
4.1.4.1
ERASE EXAMPLE
To perform a SCTR_ERASE, 32BLK_ERASE, or 64BLK_ERASE, the device writes 0x20, 0x52, or 0xD8, respectively
to the first byte of the command buffer, followed by a 3-byte address. The length of the transfer is set to 4 bytes. To do
this, the device first drops SPI_CE_N, then counts out 8 clocks. It then puts out the 8 bits of command, followed by 24
bits of address of the location to be erased on the SPI_DO pin. When the transfer is complete, the SPI_CE_N goes high,
while the SPI_DI line is ignored in this example.
4.1.4.2
BYTE PROGRAM EXAMPLE
To perform a Byte Program, the device writes 0x02 to the first byte of the command buffer, followed by a 3-byte address
of the location that will be written to, and one data byte. The length of the transfer is set to 5 bytes. The device first drops
SPI_CE_N, 8 bits of command are clocked out, followed by 24 bits of address, and one byte of data on the SPI_DO pin.
The SPI_DI line is not used in this example.
FIGURE 4-6:
SPI ERASE SEQUENCE
FIGURE 4-7:
SPI BYTE PROGRAM
SPI_CEN
SPI_CLK
16
23 24
31
15
12 3 4
05
7
6
ADD.
SPI_DO
SPI_DI
8
Command
MSB
MSB
ADD.
ADD.
HIGH IMPEDANCE
SPI_CEN
SPI_CLK
16
23 24
31
15
39
12 3 4
05
7
6
0x00
SPI_DO
SPI_DI
8
0xDB
MSB
MSB
0xFE
/0xFF
Data
MSB
LSB
32
HIGH IMPEDANCE
0xBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com