Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5537B Datasheet(PDF) 10 Page - Microchip Technology

Part # USB5537B
Description  7-Port SS/HS USB Hub Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5537B Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB5537B Datasheet HTML 6Page - Microchip Technology USB5537B Datasheet HTML 7Page - Microchip Technology USB5537B Datasheet HTML 8Page - Microchip Technology USB5537B Datasheet HTML 9Page - Microchip Technology USB5537B Datasheet HTML 10Page - Microchip Technology USB5537B Datasheet HTML 11Page - Microchip Technology USB5537B Datasheet HTML 12Page - Microchip Technology USB5537B Datasheet HTML 13Page - Microchip Technology USB5537B Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
USB5537B
DS00001682C-page 10
 2012 - 2015 Microchip Technology Inc.
TMS
I
JTAG TMS
Used for JTAG boundary scan.
OCS2
Over-Current Sense 2
Input from external current monitor indicating an over-current condition.
Note:
This pin also provides configuration strap functions.
See Note 3-3.
TDI
I
JTAG TDI
Used for JTAG boundary scan.
OCS3
Over-Current Sense 3
Input from external current monitor indicating an over-current condition.
Note:
This pin also provides configuration strap functions.
See Note 3-3.
TDO
O12
JTAG TDO
Used for JTAG boundary scan.
OCS4
Over-Current Sense 4
Input from external current monitor indicating an over-current condition.
Note:
This pin also provides configuration strap functions.
See Note 3-3.
MISC
RESET_N
IS
Reset Input
The system uses this active low signal to reset the chip. The active low
pulse should be at least 1
s wide.
XTALIN
ICLKx
Crystal Input: 25 MHz crystal.
This pin connects to either one terminal of the crystal or to an external
25 MHz clock when a crystal is not used.
CLK_IN
External Clock Input
This pin connects to either one terminal of the crystal or to an external
25 MHz clock when a crystal is not used.
XTALOUT
OCLKx
Crystal Output
The clock output, providing a crystal 25 MHz. When an external clock
source is used to drive XTALIN/CLKIN, this pin becomes a no connect.
TEST
IPD
Test Pin
Treat as a no connect pin or connect to ground. No trace or signal
should be routed or attached to this pin.
RBIAS
I-R
USB Transceiver Bias
A12.0 k
(+/- 1%) resistor is attached from ground to this pin to set the
transceiver’s internal bias settings.
ATEST
A
Analog Test Pin
This signal is used for testing the chip and must always be connected
to ground.
SM_CLK
I/O12
SMBus Clock
SM_DAT
I/O12
SMBus Data Pin
Note:
This pin is MUXed with PRT_CTRL5
TABLE 3-1:
USB5537B PIN DESCRIPTIONS (CONTINUED)
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com