Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5537B Datasheet(PDF) 18 Page - Microchip Technology

Part # USB5537B
Description  7-Port SS/HS USB Hub Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5537B Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB5537B Datasheet HTML 14Page - Microchip Technology USB5537B Datasheet HTML 15Page - Microchip Technology USB5537B Datasheet HTML 16Page - Microchip Technology USB5537B Datasheet HTML 17Page - Microchip Technology USB5537B Datasheet HTML 18Page - Microchip Technology USB5537B Datasheet HTML 19Page - Microchip Technology USB5537B Datasheet HTML 20Page - Microchip Technology USB5537B Datasheet HTML 21Page - Microchip Technology USB5537B Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
USB5537B
DS00001682C-page 18
 2012 - 2015 Microchip Technology Inc.
4.2
SMBus Slave Interface
Next, the USB5537B will look to receive configuration and commands from an optional SMBus master (if present). When
SMBus is enabled, the SMBus can operate in either legacy (USB 2.0 only) or advanced mode (access to both USB 2.0
and 3.0 registers). Next, the USB5537B will look for (optional) configuration present in the internal OTP memory. Any
register settings that are modified via the SMBus interface will overwrite the internal OTP settings.
The SMBus slave interface is enabled when pull-up resistors are detected on both SM_DAT and SM_CLK for the first
millisecond after reset. For operation in SMBus Legacy Mode, an additional pull-up resistor is required on TRST. If the
SMBus interface is enabled, then the USB5537B will wait indefinitely for the SMBus host to configure the device. Once
SMBus configuration is complete, device initialization will proceed. To disable the SMBus, a pull-down resistor of 10 K
must be applied to either SM_DAT, SM_CLK, or both SM_DAT and SM_CLK if desired. If SMBus is disabled, the device
proceeds directly to device initialization using the internal OTP ROM.
4.2.1
PULL-UP RESISTOR FOR SMBUS
External pull-up resistors (10 k
 recommended) are required on the SM_DAT and SM_CLK pins when implementing
either SMBus mode.
FIGURE 4-9:
SPI JEDEC-ID SEQUENCE
SPI_CEN
SPI_CLK
SPI_DO
SPI_DI
8
9F
MSB
HIGH IMPEDANCE
11 12 13 14 15 16
12 3 4
05
7
6
10
9
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
BF
25
8E
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com