Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5537B Datasheet(PDF) 69 Page - Microchip Technology

Part # USB5537B
Description  7-Port SS/HS USB Hub Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5537B Datasheet(HTML) 69 Page - Microchip Technology

Back Button USB5537B Datasheet HTML 65Page - Microchip Technology USB5537B Datasheet HTML 66Page - Microchip Technology USB5537B Datasheet HTML 67Page - Microchip Technology USB5537B Datasheet HTML 68Page - Microchip Technology USB5537B Datasheet HTML 69Page - Microchip Technology USB5537B Datasheet HTML 70Page - Microchip Technology USB5537B Datasheet HTML 71Page - Microchip Technology USB5537B Datasheet HTML 72Page - Microchip Technology USB5537B Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001682C-page 69
USB5537B
7.4
SMBus Timing
The SMBus slave interface complies with the SMBus Specification Revision 1.0. See Section 2.1, AC Specifications on
page 3 for more information.
FIGURE 7-4:
SMBUS SLAVE TIMING DIAGRAM
TABLE 7-3:
SMBUS SLAVE TIMING MODES
Symbol
ParameterMIN
MAX
Unit
fSCL
SM_CLK clock frequency
0
100
KHz
tHD;STA
Hold time START condition
4
-
s
tLOW
LOW period of the SM_CLK clock
4.7
-
s
tHIGH
HIGH period of the SM_CLK clock
4
-
s
tSU;STA
Set-up time for a repeated START condition
4.7
-
s
tHD;DAT
DATA hold time\
0
-
ns
tSU;DAT
DATA set-up time
250
-
ns
tR
Rise time of both SM_DATA and SM_CLK signals
-
1000
ns
tF
Fall time of both SM_CLK and SM_DATA lines
-
300
ns
tSU;STO
Set-up time for a STOP condition
4
-
s
tBUF
Bus free time between a STOP and START
condition
4.7
-
s
SM_DATA
SM_CLK
tBUF
tHD;STA
tSU;STO
tSU;STA
tSU;DAT
tHIGH
tHD;DAT
tHD;STA
tLOW
tR
tF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com