Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5537B Datasheet(PDF) 1 Page - Microchip Technology

Part # USB5537B
Description  7-Port SS/HS USB Hub Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5537B Datasheet(HTML) 1 Page - Microchip Technology

  USB5537B Datasheet HTML 1Page - Microchip Technology USB5537B Datasheet HTML 2Page - Microchip Technology USB5537B Datasheet HTML 3Page - Microchip Technology USB5537B Datasheet HTML 4Page - Microchip Technology USB5537B Datasheet HTML 5Page - Microchip Technology USB5537B Datasheet HTML 6Page - Microchip Technology USB5537B Datasheet HTML 7Page - Microchip Technology USB5537B Datasheet HTML 8Page - Microchip Technology USB5537B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001682C-page 1
General Description
The USB5537B hub is a 7-port SuperSpeed/Hi-Speed,
low-power, configurable hub controller family fully com-
pliant with the USB 3.0 Specification. The USB5537B
supports 5 Gbps SuperSpeed (SS), 480 Mbps Hi-
Speed (HS), 12 Mbps Full-Speed (FS) and 1.5 Mbps
Low-Speed (LS) USB signaling for complete coverage
of all defined USB operating speeds.
The USB5537B supports USB 2.0 speeds through its
USB 2.0 hub controller. The new SuperSpeed hub con-
troller (available on 4 of the 7 ports) operates in parallel
with the USB 2.0 controller, so the 5 Gbps SuperSpeed
data transfers are not affected by the slower USB 2.0
traffic.
The USB5537B supports battery charging on a per port
basis. On battery charging enabled ports, the devices
provide automatic USB data line handshaking. The
handshaking supports USB 1.2 Charging Downstream
Port (CDP), Dedicated Charging Port (DCP) and non-
USB 1.2 devices.
The USB5537B is configured for operation through
internal default settings, where custom configurations
are supported through an on-chip OTP ROM, an exter-
nal SPI ROM, or SMBus.
Product Features
• USB 3.0 compliant 5 Gbps, 480 Mbps, 12 Mbps
and 1.5 Mbps operation, USB pins are 5 V toler-
ant
- Integrated termination and pull-up/pull-down
resistors
• Four downstream USB 3.0 ports
• Three additional USB 2.0 ports for use cases
where SS is not required
• Supports battery charging of most popular battery
powered devices
- USB-IF Battery Charging rev. 1.2 support
(DCP & CDP)
- Apple Portable product charger emulation
- Blackberry charger emulation
- Chinese YD/T 1591-2006 charger emulation
- Chinese YD/T 1591-2009 charger emulation
- Supports additional portable devices
• Emulates portable/handheld native wall chargers
- Charging profiles emulate a handheld
device’s wall charger to enable fast charging
(minutes vs. hours)
• Enables charging from a mobile platform that is
off
• Support tablets’ high current requirements
• Optimized for low-power operation and low ther-
mal dissipation
• Vendor Specific Messaging (VSM) support for
firmware upload over USB
• Configuration via OTP ROM, SPI ROM, or SMBus
• On-chip 8051 µC manages VBUS, and other hub
signals
• 8 KB RAM, 32 KB ROM
• One Time programmable (OTP) ROM: 8 kbit
- Includes on-chip charge pump
• Single 25 MHz XTAL or clock input for all on-chip
PLL and clocking requirements
• Supports JTAG boundary scan
• PHYBoost (USB 2.0)
- Selectable drive strength for improved signal
integrity
• VariSense (USB 2.0)
- controls the receiver sensitivity enabling four
programmable levels of USB signal receive
sensitivity
• IETF RFC 4122 compliant 128-bit UUID
Software Features
• Compatible with Microsoft Windows 7, Vista, XP,
Mac OSX10.4+, and Linux Hub Drivers
USB5537B
7-Port SS/HS USB Hub Controller


Similar Part No. - USB5537B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5532B MICROCHIP-USB5532B Datasheet
532Kb / 40P
2-Port SS/HS USB Hub Controller
07/14/15
USB5532B MICROCHIP-USB5532B Datasheet
930Kb / 68P
2-Port SS/HS USB Hub Controller
07/14/15
USB5532B-5000JZX MICROCHIP-USB5532B-5000JZX Datasheet
532Kb / 40P
2-Port SS/HS USB Hub Controller
07/14/15
USB5532B-5000JZX MICROCHIP-USB5532B-5000JZX Datasheet
930Kb / 68P
2-Port SS/HS USB Hub Controller
07/14/15
USB5532B-6080JZX MICROCHIP-USB5532B-6080JZX Datasheet
930Kb / 68P
2-Port SS/HS USB Hub Controller
07/14/15
More results

Similar Description - USB5537B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5532B MICROCHIP-USB5532B Datasheet
532Kb / 40P
2-Port SS/HS USB Hub Controller
07/14/15
USB5533B MICROCHIP-USB5533B Datasheet
937Kb / 71P
3-Port SS/HS USB Hub Controller
07/14/15
USB5534B MICROCHIP-USB5534B Datasheet
952Kb / 73P
4-Port SS/HS USB Hub Controller
07/14/15
USB5742 MICROCHIP-USB5742 Datasheet
683Kb / 46P
2-Port SS/HS USB Controller Hub
07/14/15
USB5744 MICROCHIP-USB5744 Datasheet
729Kb / 49P
4-Port SS/HS USB Controller Hub
07/14/15
USB5734 MICROCHIP-USB5734 Datasheet
796Kb / 61P
4-Port SS/HS USB Controller Hub
07/14/15
USB5532B MICROCHIP-USB5532B_15 Datasheet
930Kb / 68P
2-Port SS/HS USB Hub Controller
07/14/15
USB5742 MICROCHIP-USB5742_V01 Datasheet
776Kb / 48P
2-Port SS/HS USB Controller Hub
03-09-22
USB5744 MICROCHIP-USB5744_V01 Datasheet
771Kb / 51P
4-Port SS/HS USB Controller Hub
03-09-22
USB5742B MICROCHIP-USB5742B Datasheet
747Kb / 48P
2-Port SS/HS USB Controller Hub
DS00002016H (04-27-22)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com