Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5537B Datasheet(PDF) 9 Page - Microchip Technology

Part # USB5537B
Description  7-Port SS/HS USB Hub Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5537B Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB5537B Datasheet HTML 5Page - Microchip Technology USB5537B Datasheet HTML 6Page - Microchip Technology USB5537B Datasheet HTML 7Page - Microchip Technology USB5537B Datasheet HTML 8Page - Microchip Technology USB5537B Datasheet HTML 9Page - Microchip Technology USB5537B Datasheet HTML 10Page - Microchip Technology USB5537B Datasheet HTML 11Page - Microchip Technology USB5537B Datasheet HTML 12Page - Microchip Technology USB5537B Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001682C-page 9
USB5537B
USB PORT CONTROL
PRT_PWR[7:1]/
PRT_CTL[7:1]
O12
USB Power Enable
Enables power to USB peripheral devices downstream.
Note:
This pin also provides configuration strap functions.
See Note 3-1.
VBUS
I
Upstream VBUS Power Detect
This pin can be used to detect the state of the upstream bus power. The
device monitors this pin to determine when to assert the internal D+ pull-
up resistor (signaling a connect event).
When designing a detachable hub, this pin should be connected to
VBUS on the upstream port via a 2:1 voltage divider. Two 100 k
resistors are suggested.
For self-powered applications with a permanently attached host, this pin
must be connected to a dedicated host control output, or connected to
the 3.3 V domain that powers the host (typically VDD33).
SPI INTERFACE
SPI_CE_N
O12
SPI Enable
SPI_CLK
O12
SPI Clock
SPI_DO
O12
SPI Serial Data Out
The output for the SPI port.
Note:
This pin also provides configuration strap functions.
See .
SPI_DI
I
SPI Serial Data In
The SPI data in to the controller from the ROM. This pin has a weak
internal pull-down applied at all times to prevent floating.
JTAG/OCS INTERFACE
TRST
IPU
(Note 3-4)
JTAG Asynchronous Reset
Note:
If using the SMBus interface, a pull-up on this signal will enable
Legacy Mode, while leaving it unconnected or pulled-down will
enable Advanced Mode.
DYNCPDIS_N
Dynamic Charging Port Disable
This active-low signal is used to globally disable charging port support.
Note:
This signal available in -6070 and -6080 versions only
UCS_SMBALERT_N
UCS1002 SMBus Alert
When charging port is enabled and SMBus devices are used, this signal
acts as an active-low SMBus alert.
TCK
I
JTAG Clock
This input is used for JTAG boundary scan and has a weak pull-down.
It can be left floating or grounded when not used. If the JTAG is
connected, then this signal will be detected high, and the software
disables the pull up after reset.
OCS1
Over-Current Sense 1
Input from external current monitor indicating an over-current condition.
Note:
This pin also provides configuration strap functions.
See Note 3-3.
TABLE 3-1:
USB5537B PIN DESCRIPTIONS (CONTINUED)
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com