Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5537B Datasheet(PDF) 64 Page - Microchip Technology

Part # USB5537B
Description  7-Port SS/HS USB Hub Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5537B Datasheet(HTML) 64 Page - Microchip Technology

Back Button USB5537B Datasheet HTML 60Page - Microchip Technology USB5537B Datasheet HTML 61Page - Microchip Technology USB5537B Datasheet HTML 62Page - Microchip Technology USB5537B Datasheet HTML 63Page - Microchip Technology USB5537B Datasheet HTML 64Page - Microchip Technology USB5537B Datasheet HTML 65Page - Microchip Technology USB5537B Datasheet HTML 66Page - Microchip Technology USB5537B Datasheet HTML 67Page - Microchip Technology USB5537B Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
USB5537B
DS00001682C-page 64
 2012 - 2015 Microchip Technology Inc.
6.3
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. All typical
measurements were taken with power supplies at nominal values (VDD12 = 1.25 V, VDD33 = 3.3 V).
Note 6-1
The Global Suspend typical supply current and power are stated for device versions -6070 and -6080.
Version -5000 has a typical supply current of 17 mA for VDD33, 28 mA for VDD12, and 91 mW of
total power consumption.
TABLE 6-1:
SUPPLY RISE TIME MODEL
Typical
Supply Current (mA)
Typical Power (mW)
VDD33
VDD12
Reset
0.2
5.0
6.9
No VBUS
9.1
23.0
58.8
Global Suspend (Note 6-1)
1.1
8.3
14.0
7 FS Ports
40
78
230
7 HS Ports
64
91
325
4 SS Ports
25
1121
1484
4 SS / 7 HS Ports
73
1173
1707
t10%
10%
90%
Voltage
tRTxx
t90%
Time
100%
3.3 V
VSS
VDD33
90%
100%
1.25 V
VDD12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com