Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5537B Datasheet(PDF) 5 Page - Microchip Technology

Part # USB5537B
Description  7-Port SS/HS USB Hub Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5537B Datasheet(HTML) 5 Page - Microchip Technology

  USB5537B Datasheet HTML 1Page - Microchip Technology USB5537B Datasheet HTML 2Page - Microchip Technology USB5537B Datasheet HTML 3Page - Microchip Technology USB5537B Datasheet HTML 4Page - Microchip Technology USB5537B Datasheet HTML 5Page - Microchip Technology USB5537B Datasheet HTML 6Page - Microchip Technology USB5537B Datasheet HTML 7Page - Microchip Technology USB5537B Datasheet HTML 8Page - Microchip Technology USB5537B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
 2012 - 2015 Microchip Technology Inc.
DS00001682C-page 5
USB5537B
As shown on the Product Identification System page, three USB5537B firmware versions are available: “-5000”, “-6070”,
and “-6080”. These options differ in the following ways:
• The Dynamic Charging Port feature and related DYNCPDIS_N pin function are only available on the -6070 and -
6080 devices. Refer to Section 5.1.3, "Dynamic Charging Port (6070 and 6080 Only)" for additional details.
• The TRST/DYNCPDIS_N/UCS_SMBALERT_N pin buffer type is “IPU” in the -6070 and -6080 devices and “I” in
the -5000 device. Refer to Pin Information on page 7 for additional details.
• The Global Suspend power consumption has been significantly lowered in the -6070 and -6080 device. Refer to
Section 6.3, "Power Consumption" for additional details.
• The three USB 2.0 ports are configured as removable by default in the -6070 device. The three USB 2.0 ports are
configured as non-removable by default in the -5000 and -6080 devices.
1.3
Configurable Features
The USB5537B hub controller provides a default configuration that is sufficient for most applications. When initialized
in the default configuration, the following features may be configured:
• Downstream non-removable ports, where the hub will automatically report as a compound device
• Downstream disabled ports
• Downstream port power control and over-current detection on a ganged or individual basis
• USB signal drive strength
• USB differential pair pin location
The USB5537B hub controllers can alternatively be configured by OTP or as an SMBus slave device. When configured
by an OTP or over SMBus, the following configurable features are provided:
• Support for compound devices on a port-by-port basis
• Selectable over-current sensing and port power control on an individual or ganged basis to match the circuit board
component selection
• Customizable vendor ID, product ID, and device ID
• Configurable delay time for filtering the over-current sense inputs
• Indication of the maximum current that the hub consumes from the USB upstream port
• Indication of the maximum current required for the hub controller
• Custom string descriptors (up to 30 characters): Product, manufacturer, and serial number
Note:
At the time of this writing, products with a USB Host (or products such as docking stations with USB hubs
that must be submitted with an attached host enabled platform) are eligible for USB logo with a mixture of
USB2.0 and USB3.0 ports. An example of such a product is a dedicated docking station that can only be
used with a specific model or family of laptops. In this example, the docking station is submitted for USB
logo testing with a laptop and it is tested as a system. USB devices containing a hub with an exposed
upstream port that can be plugged into any host platform through USB cables and connectors (examples
are USB enabled monitors, printers, hard drives, etc.) are not eligible for logo with a mixture of USB 3.0
and USB 2.0 ports. These devices will need to consume the USB 2.0-only ports internally in order to be
eligible for a USB logo.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com