Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 14Page - Texas Instruments ADS5400IPZP Datasheet HTML 15Page - Texas Instruments ADS5400IPZP Datasheet HTML 16Page - Texas Instruments ADS5400IPZP Datasheet HTML 17Page - Texas Instruments ADS5400IPZP Datasheet HTML 18Page - Texas Instruments ADS5400IPZP Datasheet HTML 19Page - Texas Instruments ADS5400IPZP Datasheet HTML 20Page - Texas Instruments ADS5400IPZP Datasheet HTML 21Page - Texas Instruments ADS5400IPZP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
ADC Output Code
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
512
1024 1536 2048 2560 3072 3584 4096
AIN = −0.05 dBFS
fIN = 100.33 MHz
fS = 1 GSPS
G005
ADC Output Code
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
0
512
1024 1536 2048 2560 3072 3584 4096
AIN = −0.05 dBFS
fIN = 100.33 MHz
fS = 1 GSPS
G006
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
50
100 150 200 250 300 350 400 450 500
G003
ENOB = 9.01 Bits
SFDR = 63.5 dBc
SINAD = 56 dBFS
SNR = 57.1 dBFS
THD = 61.7 dBc
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
50
100 150 200 250 300 350 400 450 500
G004
ENOB = 8.6 Bits
SFDR = 56.3 dBc
SINAD = 53.6 dBFS
SNR = 56.4 dBFS
THD = 55.8 dBc
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
50
100 150 200 250 300 350 400 450 500
G001
ENOB = 9.45 Bits
SFDR = 75.4 dBc
SINAD = 58.7 dBFS
SNR = 58.8 dBFS
THD = 72.5 dBc
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
50
100 150 200 250 300 350 400 450 500
G002
ENOB = 9.31 Bits
SFDR = 71.5 dBc
SINAD = 57.8 dBFS
SNR = 58.04 dBFS
THD = 69.8 dBc
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
6.9 Typical Characteristics
Typical plots at TA = 25°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 1.5-VPP differential clock, (unless otherwise noted)
Figure 6. Spectral Performance FFT for 250-MHz Input
Figure 7. Spectral Performance FFT for 0.9-GHz Input Signal
Signal
Figure 8. Spectral Performance FFT for 1.3-GHz Input Signal
Figure 9. Spectral Performance FFT for 1.7-GHz Input Signal
Figure 10. Differential Nonlinearity
Figure 11. Integral Nonlinearity
18
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com