Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 5Page - Texas Instruments ADS5400IPZP Datasheet HTML 6Page - Texas Instruments ADS5400IPZP Datasheet HTML 7Page - Texas Instruments ADS5400IPZP Datasheet HTML 8Page - Texas Instruments ADS5400IPZP Datasheet HTML 9Page - Texas Instruments ADS5400IPZP Datasheet HTML 10Page - Texas Instruments ADS5400IPZP Datasheet HTML 11Page - Texas Instruments ADS5400IPZP Datasheet HTML 12Page - Texas Instruments ADS5400IPZP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Electrical Characteristics (continued)
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input,
and 1.5 VPP differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 125 MHz
65
80
fIN = 600 MHz
63
72
Worst harmonic/spur (other than HD2
fIN = 850 MHz
60
72
dBc
and HD3)
fIN = 1200 MHz
66
fIN = 1700 MHz
64
fIN = 125 MHz
63
71.7
fIN = 600 MHz
62
67
THD
Total Harmonic Distortion
fIN = 850 MHz
59
66.5
dBc
fIN = 1200 MHz
65.1
fIN = 1700 MHz
55.7
fIN = 125 MHz
56
58.5
fIN = 600 MHz
55
58.2
SINAD
Signal-to-noise and distortion
fIN = 850 MHz
54
57.8
dBFS
fIN = 1200 MHz
57.5
fIN = 1700 MHz
54.2
fIN1 = 247.5 MHz, fIN2 = 252.5 MHz,
74.6
each tone at –7 dBFS
fIN1 = 247.5 MHz, fIN2 = 252.5 MHz,
80.4
each tone at –11 dBFS
Two-tone SFDR
dBFS
fIN1 = 1197.5 MHz, fIN2 = 1202.5 MHz,
70
each tone at –7 dBFS
fIN1 = 1197.5 MHz, fIN2 = 1202.5 MHz,
78.3
each tone at –11 dBFS
fIN = 125 MHz
9
9.42
Effective number of bits (using
ENOB
fIN = 600 MHz
8.84
9.37
Bits
SINAD in dBFS)
fIN = 850 MHz
8.67
9.3
1.41
LSB rms
RMS idle-channel noise
Inputs tied to common-mode
60.2
dBFS
6.6 Interleaving Adjustments
Typical values at TA = 25°C, Minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 1.5 VPP differential clock
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET ADJUSTMENTS
Resolution
9
Bits
LSB magnitude
At full scale range of 2 VPP
120
µV
DNL
Differential linearity error
-2.5
2.5
LSB
INL
Integral Non-Linearity error
-3
3
LSB
Recommended Min Offset
From default offset value, to maintain AC
-8
mV
Setting
performance
Recommended Max Offset
From default offset value, to maintain AC
8
mV
Setting
performance
GAIN ADJUSTMENTS
Resolution
12
Bits
LSB magnitude
120
µV
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com