Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5400IPZP Datasheet HTML 1Page - Texas Instruments ADS5400IPZP Datasheet HTML 2Page - Texas Instruments ADS5400IPZP Datasheet HTML 3Page - Texas Instruments ADS5400IPZP Datasheet HTML 4Page - Texas Instruments ADS5400IPZP Datasheet HTML 5Page - Texas Instruments ADS5400IPZP Datasheet HTML 6Page - Texas Instruments ADS5400IPZP Datasheet HTML 7Page - Texas Instruments ADS5400IPZP Datasheet HTML 8Page - Texas Instruments ADS5400IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
•
Changed Table 5, BIT 4 From: 1 To: 0 ................................................................................................................................ 32
•
Deleted note: (was not available on early samples) from SPI Register Reset in Table 5.................................................... 32
Changes from Original (October 2009) to Revision A
Page
•
Changed the FEATURES list ................................................................................................................................................. 1
•
Deleted text "Internal pull-down resistor" from the SCLK, SDIO, and SDO pins in the Pin Functions table ......................... 5
•
Changed the SDENB pin text From: "Internal pull-up resistor" To: "Internal 100k
Ω pull-up resisto" in the Pin
Functions table ....................................................................................................................................................................... 5
•
Added Note to the Pin Functions table - This pin contains an internal ~40k
Ω pull-down resistor, to ground. ....................... 5
•
Changed Abs Max, Recommended Op Conditions, and Electrical Specs values. ............................................................... 6
•
Changed the description of the ANALOG INPUT entry in the Rec Op Condition table From: Differential input range
To: Full-scale differential input range ..................................................................................................................................... 7
•
Changed the Rec Op table, VCM - TYP value From: 2.5V To AVDD5/2 ................................................................................ 7
•
Changed the description of the ANALOG INPUT entry in the Elect Char table From: Differential input range To: Full-
scale differential input range................................................................................................................................................... 7
•
Changed the Elect Char table, VCM - TYP value From: 2.5V To AVDD5/2............................................................................ 7
•
Changed the Timing Diagrams illustrations.......................................................................................................................... 13
•
Changed Figure 1 ................................................................................................................................................................. 13
•
Changed Figure 2 ................................................................................................................................................................. 14
•
Changed Figure 3 ................................................................................................................................................................. 15
•
Changed Figure 4 ................................................................................................................................................................. 16
•
Changed Figure 5 ................................................................................................................................................................. 17
•
Changed the TYPICAL CHARACTERISTICS, Conditions Note From: DVDD3 = 3.3 V, and 3.3-VPP differential clock
To: DVDD = 3.3V and 1.5 VPP differential clock ................................................................................................................... 18
•
Added subsection - Analog Input Over-Range Recovery Error............................................................................................ 24
•
Changed the Clock Inputs subsection .................................................................................................................................. 24
•
Changed the Test Patterns subsection ................................................................................................................................ 27
•
Changed the Interleaving subsection ................................................................................................................................... 28
•
Changed Table 6 BIT <7:3>, Title and description............................................................................................................... 33
•
Changed Table 7 BIT <0>, Default setting description, and BIT <7:2> description ............................................................. 33
•
Changed Table 8 BIT <0>, Default setting description ........................................................................................................ 34
•
Changed Serial Register 0x06 (Read or Write) (Table 10). Bits 4 and 5 From TBD To: 0.................................................. 36
•
Deleted Table 10 description comment from BIT <7:6> 11: (this mode is not working properly on early samples - will
be fixed) ................................................................................................................................................................................ 36
•
Changed the Power Supplies subsection............................................................................................................................. 43
•
Added Figure 40 - Was TBD ................................................................................................................................................ 43
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com