Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 5 Page - Texas Instruments

  ADS5400IPZP Datasheet HTML 1Page - Texas Instruments ADS5400IPZP Datasheet HTML 2Page - Texas Instruments ADS5400IPZP Datasheet HTML 3Page - Texas Instruments ADS5400IPZP Datasheet HTML 4Page - Texas Instruments ADS5400IPZP Datasheet HTML 5Page - Texas Instruments ADS5400IPZP Datasheet HTML 6Page - Texas Instruments ADS5400IPZP Datasheet HTML 7Page - Texas Instruments ADS5400IPZP Datasheet HTML 8Page - Texas Instruments ADS5400IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
3, 6, 8,
84, 88,
91, 93,
AGND
Ground
Analog ground
96, 98,
100
Analog differential input signal (positive, negative). Includes 100-
Ω differential load on-
94, 95
AINP, AINN
Input
chip.
2, 7, 9,
AVDD3
Supply
Analog power supply (3.3 V)
85
1, 76, 86,
90, 92,
AVDD5
Supply
Analog power supply (5 V)
97, 99
4, 5
CLKINP, CLKINN
Input
Differential input clock (positive, negative). Includes 160-
Ω differential load on-chip.
CLKOUTAN,
60, 61
Output
Bus A, Clock output (Data ready), LVDS output pair
CLKOUTAP
CLKOUTBN,
26, 27
Output
Bus B, Clock output (Data ready), LVDS output pair
CLKOUTBP
Bus A, LVDS digital output pair, least-significant bit (LSB) (P = positive output, N =
46, 47
DA0N, DA0P
Output
negative output)
48-49,
52-59,
DA1N–DA10N,
Output
Bus A, LVDS digital output pairs (bits 1- 10)
62-63,
DA1P-DA10P
66-73
74, 75
DA11N, DA11P
Output
Bus A, LVDS digital output pair, most-significant bit (MSB)
Bus B, LVDS digital output pair, least-significant bit (LSB) (P = positive output, N =
40, 41
DB0N, DB0P
Output
negative output)
14-23,
DB1N–DB10N,
Output
Bus B, LVDS digital output pairs (bits 1- 10)
28-37
DB1P-DB10P
12, 13
DB11N, DB11P
Output
Bus B, LVDS digital output pair, most-significant bit (MSB)
25, 39,
DGND
Ground
Digital ground
51, 65
24, 38,
DVDD3
Supply
Output driver power supply (3.3 V)
50, 64
Enable single output bus mode (2-bus mode is default), active high. This pin is logic
81(1)
ENA1BUS
Input
OR'd with addr 0x02h bit<0>.
Enable External Reference Mode, active high. Device uses an external voltage reference
83(1)
ENEXTREF
Input
when high. This pin is logic OR'd with addr 0x05h bit<2>.
Enable Powerdown, active high. Places the converter into power-saving sleep mode
82(1)
ENPWD
Input
when high. This pin is logic OR'd with addr 0x05h bit<6>.
Bus A, Overrange indicator LVDS output. A logic high signals an analog input in excess
44, 45
OVRAN, OVRAP
Output
of the full-scale range. Becomes SYNCOUTA when SYNC mode is enabled in register
0x05.
Bus B, Overrange indicator LVDS output. A logic high signals an analog input in excess
42, 43
OVRBN, OVRBP
Output
of the full-scale range. Becomes SYNCOUTB when SYNC mode is enabled in register
0x05.
Digital Reset Input, LVDS input pair. Inactive if logic low. When clocked in a high state,
this is used for resetting the polarity of CLKOUT signal pair(s). If SYNC mode is enabled
RESETN,
10, 11
Input
in register 0x05, this input also provides a SYNC time-stamp with the data sample
RESETP
present when RESET is clocked by the ADC, as well as CLKOUT polarity reset. Includes
100-
Ω differential load on-chip.
78
SCLK
Input
Serial interface clock.
Active low serial data enable, always an input. Use to enable the serial interface. Internal
77
SDENB
Input
100k
Ω pull-up resistor.
Bidirectional serial interface data in 3-pin mode (default) for programming/reading
79
SDIO
Input/Output
internal registers. In 4-pin interface mode (reg 0x01), the SDIO pin is an input only.
(1)
This pin contains an internal ~40k
Ω pull-down resistor, to ground.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com