Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 15Page - Texas Instruments ADS5400IPZP Datasheet HTML 16Page - Texas Instruments ADS5400IPZP Datasheet HTML 17Page - Texas Instruments ADS5400IPZP Datasheet HTML 18Page - Texas Instruments ADS5400IPZP Datasheet HTML 19Page - Texas Instruments ADS5400IPZP Datasheet HTML 20Page - Texas Instruments ADS5400IPZP Datasheet HTML 21Page - Texas Instruments ADS5400IPZP Datasheet HTML 22Page - Texas Instruments ADS5400IPZP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
AVDD − Supply Voltage − V
70
72
74
76
78
80
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
G008
fIN = 100.33 MHz
fS = 1 GSPS
TA = 25°C
TA = −20°C
TA = 0°C
TA = 100°C
TA = −40°C
TA = 55°C
TA = 85°C
AVDD − Supply Voltage − V
57.0
57.5
58.0
58.5
59.0
59.5
60.0
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
G009
TA = 25°C
TA = 55°C
TA = −40°C
TA = 100°C
TA = 85°C
fIN = 100.33 MHz
fS = 1 GSPS
TA = −20°C
TA = 0°C
Input Amplitude − dBFS
0
20
40
60
80
100
120
−87
−77
−67
−57
−47
−37
−27
−17
−7
fS = 1 GSPS
fIN1 = 747.5 MHz
fIN2 = 752.5 MHz
G020
Worst Spur (dBFS)
Worst Spur (dBc)
2F1−F2 (dBFS)
2F2−F1 (dBFS)
Input Amplitude − dBFS
0
20
40
60
80
100
120
−87
−77
−67
−57
−47
−37
−27
−17
−7
fS = 1 GSPS
fIN1 = 1197.5 MHz
fIN2 = 1202.5 MHz
G021
Worst Spur (dBFS)
Worst Spur (dBc)
2F1−F2 (dBFS)
2F2−F1 (dBFS)
Input Amplitude − dBFS
0
20
40
60
80
100
120
−87
−77
−67
−57
−47
−37
−27
−17
−7
fS = 1 GSPS
fIN1 = 247.5 MHz
fIN2 = 252.5 MHz
G019
Worst Spur (dBFS)
Worst Spur (dBc)
2F1−F2 (dBFS)
2F2−F1 (dBFS)
Input Amplitude − dBFS
−20
0
20
40
60
80
100
−90 −80 −70
−60 −50
−40 −30
−20 −10
0
fIN = 801.13 MHz
fS = 1 GSPS
16k FFT
SFDR (dBFS)
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
G007
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Typical Characteristics (continued)
Typical plots at TA = 25°C, sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V,
and 1.5-VPP differential clock, (unless otherwise noted)
Figure 12. AC Performance vs Input Amplitude
Figure 13. AC Performance vs Input Amplitude
(801.13-MHz Input Signal)
(247.5-MHz and 252.5-MHz Two-Tone Input Signal)
Figure 14. AC Performance vs Input Amplitude
Figure 15. AC Performance vs Input Amplitude
(747.5-MHz and 752.5-MHz Two-Tone Input Signal)
(1197.5-MHz and 1202.5-MHz Two-Tone Input Signal)
Figure 16. SFDR vs AVDD5 Across Temperature
Figure 17. SNR vs AVDD5 Across Temperature
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com