Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 29Page - Texas Instruments ADS5400IPZP Datasheet HTML 30Page - Texas Instruments ADS5400IPZP Datasheet HTML 31Page - Texas Instruments ADS5400IPZP Datasheet HTML 32Page - Texas Instruments ADS5400IPZP Datasheet HTML 33Page - Texas Instruments ADS5400IPZP Datasheet HTML 34Page - Texas Instruments ADS5400IPZP Datasheet HTML 35Page - Texas Instruments ADS5400IPZP Datasheet HTML 36Page - Texas Instruments ADS5400IPZP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
ADS5400
www.ti.com
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
Table 6. Serial Register 0x02 (Read or Write)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Single or
0x02
Coarse Clock Phase Adjustment bits<4:0>
0
Clock Divider
Dual Bus
Defaults
0
0
0
0
0
0
0
0
BIT <0>
Single or Dual Bus Output Selection
0
dual bus output (A and B)
1
single bus output (A)
BIT <1>
Output Clock Divider
0
CLKOUT equals CLKIN divide by 4 (not available in single bus mode)
1
CLKOUT equals CLKIN divide by 2
BIT <2>
RESERVED
0
set to 0 if writing this register
1
do not set to 1
BIT <7:3>
Input Clock Coarse Phase Adjustment
Use as a coarse adjustment of input clock phase. The 5-bit adjustment provides a
step size of ~2.4ps across a range from code 00000 = 0 ps to code 11111 = 73ps.
Table 7. Serial Register 0x03 (Read or Write)
Address (hex)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Analog Offset
0x03
Fine Clock Phase Adjustment bits<5:0>
0
bit<8>
Defaults
0
0
0
0
0
0
0
factory set
BIT <0>
Analog Offset control (most significant bit of 9-bit word)
All 9-bits in this adjustment in address 0x03 and 0x04 set to 0 0000 0000 = –30 mV
All 9-bits in this adjustment in address 0x03 and 0x04 set to 1 1111 1111 = 30 mV
Step adjustment resolution is 120 µV (or 1/4 LSB). Adjustments can be used for
calibration of analog signal path offset (for instance offset error induced outside of
the ADC) or to match multiple ADC offsets.
The default setting for this register is factory set to provide ~0 mV of ADC offset in
the output codes and is unique for each device.
BIT <1>
RESERVED
0
set to 0 if writing this register
1
do not set to 1
BIT <7:2>
Fine Clock Phase Adjustment
Use as a fine adjustment of the input clock phase. The 6-bit adjustment provides a
step resolution of ~116fs across a range from code 000000 = 0ps to code 111111 =
7.4ps. Can be used in conjunction with Coarse Clock Phase Adjustment in address
0x02.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com