Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 18Page - Texas Instruments ADS5400IPZP Datasheet HTML 19Page - Texas Instruments ADS5400IPZP Datasheet HTML 20Page - Texas Instruments ADS5400IPZP Datasheet HTML 21Page - Texas Instruments ADS5400IPZP Datasheet HTML 22Page - Texas Instruments ADS5400IPZP Datasheet HTML 23Page - Texas Instruments ADS5400IPZP Datasheet HTML 24Page - Texas Instruments ADS5400IPZP Datasheet HTML 25Page - Texas Instruments ADS5400IPZP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
REFERENCE
INP
INN
CLKINP
CLKINN
SCLK
SDIO
SDO
CLKOUTAP
CLKOUTAN
OUTB[0-11]P
OUTB[0-11]N
ADS5400
CLOCK
DIVIDE
12-bit ADC
(3 stage pipeline)
VCM
VREF
OVER RANGE
DETECTOR,
SYNC and
DEMUX
12
OUTA [0-11]P
OUTA[0-11]N
12
12
OVRBP (SYNCOUTBP)
OVRBN (SYNCOUTBN)
RESETP (SYNCINP)
RESETN (SYNCINN)
SDENB
BUFFER
CLKOUTBP
CLKOUTBN
OVRAP (SYNCOUTAP )
OVRAN (SYNCOUTAN)
ENEXTREF
ENPWD
ENA1BUS
CONTROL
TEMP SENSOR
OFFSET ADJUST
PHASE ADJUST
GAIN ADJUST
BUS A
BUS B
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
www.ti.com
7 Detailed Description
7.1 Overview
The ADS5400 is a 12-bit, 1-GSPS, monolithic pipeline ADC. Its bipolar transistor analog core operates from 5-V
and 3.3-V supplies, while the output uses a 3.3-V supply to provide LVDS-compatible digital outputs. The
conversion process is initiated by the falling edge of the external input clock. At the sampling instant, the
differential input signal is captured by the input track-and-hold (T&H), and the input sample is sequentially
converted by a series of lower resolution stages, with the outputs combined in a digital correction logic block.
Both the rising and the falling clock edges are used to propagate the sample through the pipeline every half clock
cycle. This process results in a data latency of 7 - 8.5 clock cycles (output mode dependent), after which the
output data is available as a 12-bit parallel word, coded in offset binary or two's complement format.
The user can select to accept the data at the full sample rate using one bus (bus A, latency 7 cycles), or
demultiplex the data into two buses (bus A and B, latency 7.5 or 8.5 cycles) at half rate. A serial peripheral
interface (SPI) is provided for adjusting operational modes, as well as for calibrations of analog gain, analog
offset and clock phase for inter-leaving multiple ADS5400. Die temperature readout using the SPI is provided.
SYNC and RESET modes exist for synchronizing output data across multiple ADS5400.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Input Configuration
The analog input for the ADS5400 consists of an analog pseudo-differential buffer followed by a bipolar transistor
track-and-hold (see Figure 25). The integrated analog buffer isolates the source driving the input of the ADC from
sampling glitches on the T&H and allows for the integration of a 100-
Ω differential input resistor. The input
common mode is set internally through a 500-
Ω resistor connected from half of the AVDD5 supply voltage to
each of the inputs. The parasitic package capacitance shown is with the package unsoldered. Once soldered,
depending on the board characteristics, one can expect another ~1pF at the analog input pins, which is board
dependent.
22
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com