Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400IPZP Datasheet(HTML) 1 Page - Texas Instruments

  ADS5400IPZP Datasheet HTML 1Page - Texas Instruments ADS5400IPZP Datasheet HTML 2Page - Texas Instruments ADS5400IPZP Datasheet HTML 3Page - Texas Instruments ADS5400IPZP Datasheet HTML 4Page - Texas Instruments ADS5400IPZP Datasheet HTML 5Page - Texas Instruments ADS5400IPZP Datasheet HTML 6Page - Texas Instruments ADS5400IPZP Datasheet HTML 7Page - Texas Instruments ADS5400IPZP Datasheet HTML 8Page - Texas Instruments ADS5400IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
REFERENCE
INP
INN
CLKINP
CLKINN
SCLK
SDIO
SDO
CLKOUTAP
CLKOUTAN
OUTB[0-11]P
OUTB[0-11]N
ADS5400
CLOCK
DIVIDE
12-bit ADC
(3 stage pipeline)
VCM
VREF
OVER RANGE
DETECTOR,
SYNC and
DEMUX
12
OUTA [0-11]P
OUTA[0-11]N
12
12
OVRBP (SYNCOUTBP)
OVRBN (SYNCOUTBN)
RESETP (SYNCINP)
RESETN (SYNCINN)
SDENB
BUFFER
CLKOUTBP
CLKOUTBN
OVRAP (SYNCOUTAP )
OVRAN (SYNCOUTAN)
ENEXTREF
ENPWD
ENA1BUS
CONTROL
TEMP SENSOR
OFFSET ADJUST
PHASE ADJUST
GAIN ADJUST
BUS A
BUS B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADS5400
SLAS611C – OCTOBER 2009 – REVISED JANUARY 2016
ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
1 Features
3 Description
The ADS5400 device is a 12-bit, 1-GSPS analog-to-
1
•
1-GSPS Sample Rate
digital converter (ADC) that operates from both a 5-V
•
12-Bit Resolution
supply and 3.3-V supply, while providing LVDS-
•
2.1 GHz Input Bandwidth
compatible digital outputs. The analog input buffer
isolates the internal switching of the track and hold
•
SFDR = 66 dBc at 1.2 GHz
from disturbing the signal source. The simple 3-stage
•
SNR = 57.6 dBFS at 1.2 GHz
pipeline provides extremely low latency for time
•
7 Clock Cycle Latency
critical applications. Designed for the conversion of
signals up to 2 GHz of input frequency at 1 GSPS,
•
Interleave Friendly: Internal Adjustments for Gain,
the ADS5400 has outstanding low noise performance
Phase, and Offset
and spurious-free dynamic range over a large input
•
1.5-V to 2-V Selectable Full-Scale Range
frequency range.
•
LVDS-Compatible Outputs, 1 or 2 Bus Options
The
ADS5400
is
available
in
a
HTQFP-100
•
Total Power Dissipation: 2.15 W
PowerPAD™
package.
The
combination
of
the
•
On-Chip Analog Buffer
PowerPAD
package
and
moderate
power
consumption of the ADS5400 allows for operation
•
100-Pin HTQFP PowerPAD™ Package
without an external heatsink. The ADS5400 is built on
(16-mm × 16-mm Footprint With Leads)
Texas Instrument's complementary bipolar process
•
Industrial Temperature Range of –40°C to 85°C
(BiCom3) and is specified over the full industrial
temperature range (–40°C to 85°C).
2 Applications
Device Information(1)
•
Test and Measurement Instrumentation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Ultra-Wide Band Software-Defined Radio
ADS5400
HTQFP (100)
14.00 mm × 14.00 mm
•
Data Acquisition
(1) For all available packages, see the orderable addendum at
•
Power Amplifier Linearization
the end of the datasheet.
•
Signal Intelligence and Jamming
•
Radar
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS5400IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400IPZP TI-ADS5400IPZP Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400IPZP TI-ADS5400IPZP Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400IPZP TI-ADS5400IPZP Datasheet
1Mb / 50P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400IPZP TI2-ADS5400IPZP Datasheet
2Mb / 58P
ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
REVISED JANUARY 2016
ADS5400IPZPG4 TI2-ADS5400IPZPG4 Datasheet
2Mb / 58P
ADS5400 12-Bit, 1-GSPS Analog-to-Digital Converter
REVISED JANUARY 2016
More results

Similar Description - ADS5400IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9234 AD-AD9234 Datasheet
1Mb / 66P
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9213 AD-AD9213 Datasheet
2Mb / 110P
12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
Rev. A
AD9217 AD-AD9217 Datasheet
71Kb / 2P
12-Bit, 6 GSPS/10.25 GSPS, RF Analog-to-Digital Converter
Rev. Sp0
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com